Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF1015 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF1015
Description  RF DOWNCONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1015 Datasheet(HTML) 1 Page - Texas Instruments

  TRF1015 Datasheet HTML 1Page - Texas Instruments TRF1015 Datasheet HTML 2Page - Texas Instruments TRF1015 Datasheet HTML 3Page - Texas Instruments TRF1015 Datasheet HTML 4Page - Texas Instruments TRF1015 Datasheet HTML 5Page - Texas Instruments TRF1015 Datasheet HTML 6Page - Texas Instruments TRF1015 Datasheet HTML 7Page - Texas Instruments TRF1015 Datasheet HTML 8Page - Texas Instruments TRF1015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TRF1015
RF DOWNCONVERTER
SLWS021D– JUNE 1996 – REVISED JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Noise Amplifier (LNA), Radio
Frequency (RF) Mixer, and
Voltage-Controlled Oscillator (VCO)
D Improved Compression Mode
D Conversion From RF to Intermediate
Frequency (IF) on a Single Chip
D Suitable for Portable 900-MHz Cellular and
Cordless Telephones
D Low-Current Consumption Mode
D 20-Pin Plastic Shrink Small Outline (SSOP)
Package
D Application-Selectable Internal or External
Oscillator
description
The Texas Instruments (TI
™) TRF1015 is a single-chip RF downconverter suitable for 900-MHz receiver
applications. It combines a low-noise amplifier (LNA), a buffered voltage-controlled oscillator (VCO), and an RF
mixer into a 20-pin SSOP package requiring very few external components.
Minimal power consumption can be further reduced by placing the required modules into operate mode and the
remaining modules into standby mode.
Three modes of operation are provided for both the LNA and the mixer: standby, low current, and improved
compression. The improved compression mode is suitable for applications that require full duplex capability.
The improved compression mode is suitable for maintaining receiver sensitivity in the presence of large
interfering signals and provides a low bit-error rate (BER) in digital modulation systems. The three modes of
operation are selectable in accordance with the presence of a high or low signal on PD1 and PD2, as shown
in Table 1.
Table 1. Mode Control
MODE
PD1
PD2
Standby
L
L
Low current
H
H
Improved compression
L
H
The LNA has a gain of 13 dB and a noise figure of 2.2 dB. LNA input and output characteristic impedances are
50
Ω. The single balanced RF mixer has a gain of 9 dB with a single-sideband (SSB) noise figure of 10 dB. The
VCO has a typical tuning range of 25 MHz using an external varactor and resonator. The VCO gain and tuning
range can be adjusted to meet the phase-locked loop (PLL) design requirement, with an external shunt and
feedback capacitors in series with the resonator. A buffered output of the VCO provides phase locking capability
and can be configured for single-ended or differential operation.
The TRF1015 is offered in the 20-pin SSOP (DB) package and is characterized for operation from – 40
°C
to 85
°C free-air temperature.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1998, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PD1
PD2
AUX_LO–
AUX_LO+
OSC2
VCO_GND
OSC1
VCO_VCC
VCO_BYP
LNA_GND
MIX_OUT–
MIX_OUT+
MIX_IN
MIX_GND
LNA_GND
LNA_IN
LNA_VCC
LNA_OUT
LNA_GND
LNA_GND
DB PACKAGE
(TOP VIEW)
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TRF1015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
logo
Maxim Integrated Produc...
MAX2411A MAXIM-MAX2411A Datasheet
134Kb / 14P
Low-Cost RF Up/Downconverter with LNA and PA Driver
19-1324; Rev 1; 2/98
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
Quadrature Downconverter
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
PCS RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Analog Devices
ADSST-GPSRF01 AD-ADSST-GPSRF01_15 Datasheet
336Kb / 16P
GPS RF Downconverter
REV. 0
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com