Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF1020 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF1020
Description  GSM RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1020 Datasheet(HTML) 1 Page - Texas Instruments

  TRF1020 Datasheet HTML 1Page - Texas Instruments TRF1020 Datasheet HTML 2Page - Texas Instruments TRF1020 Datasheet HTML 3Page - Texas Instruments TRF1020 Datasheet HTML 4Page - Texas Instruments TRF1020 Datasheet HTML 5Page - Texas Instruments TRF1020 Datasheet HTML 6Page - Texas Instruments TRF1020 Datasheet HTML 7Page - Texas Instruments TRF1020 Datasheet HTML 8Page - Texas Instruments TRF1020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TRF1020
GSM RECEIVER
SLWS028B – MAY 1998 – REVISED SEPTEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operates from 2.75 V to 3.5 V Supply
D Low Current Consumption
D Low Profile Package: 48-pin Plastic Quad
Flat Package (PQFP)
D Global System for Mobile Communications
(GSM), Class 3, 4, or 5 Mobile Station (MS)
Portable Cellular Telephone Applications
D Conversion from Radio Frequency (RF) to
I and Q Baseband on a Single Chip
D Independent Powerdown of Low Noise
Amplifiers (LNA), Mixers, Intermediate
Frequency (IF) Amplifiers, and
Voltage-Controlled Oscillator (VCO)
D Digital Gain Control for LNA and IF
Amplifiers
D Two IF Amplifiers for Dual Conversion if
Required
D Cascaded Operation of IF Amplifiers for
Single-Conversion Configurations
D DC Compensation of I and Q Outputs
description
The TRF1020 is a single-chip radio frequency (RF) downconverter suitable for 900-MHz GSM applications. It
combines in one small package an LNA, an RF mixer, an IF mixer, two IF amplifiers, an I and Q mixer, and one
buffered VCO. The TRF1020 requires few external components.
The LNA has a nominal gain of 12.4 dB and noise figure of 2.1 dB. The first RF mixer has a conversion gain
of 13.4 dB and a single-sideband (SSB) noise figure of 8.3 dB. The IF amplifiers have combined variable gain
from 0 to 84 dB in approximately 3-dB steps. The IF amplifier frequency range is 40 to 180 MHz for the first IF
amplifier and 10 to 180 MHz for the second IF amplifier. The local oscillator of the I and Q mixer operates at four
times the last frequency of the IF mixer.
Power consumption is kept to a minimum and can be further reduced by dynamically placing selected functions
in standby power-down mode when not required. Power-down control is provided through the three-line digital
serial interface.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the gates.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TRF1020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1020

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
logo
Siemens Semiconductor G...
PMB2400 SIEMENS-PMB2400 Datasheet
503Kb / 15P
GSM RECEIVER CIRCUIT
PMB2407 SIEMENS-PMB2407 Datasheet
673Kb / 3P
GSM Receiver PCN/PCS Receiver
PMB2402 SIEMENS-PMB2402 Datasheet
716Kb / 21P
GSM Receiver Circuit
PMB2401 SIEMENS-PMB2401 Datasheet
670Kb / 23P
GSM Receiver Circuit
logo
RF Micro Devices
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
GSM/GPRS/EDGE RECEIVER
logo
Analog Devices
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650 AD-AD6650_17 Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com