Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF1020 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF1020
Description  GSM RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF1020 Datasheet HTML 17Page - Texas Instruments TRF1020 Datasheet HTML 18Page - Texas Instruments TRF1020 Datasheet HTML 19Page - Texas Instruments TRF1020 Datasheet HTML 20Page - Texas Instruments TRF1020 Datasheet HTML 21Page - Texas Instruments TRF1020 Datasheet HTML 22Page - Texas Instruments TRF1020 Datasheet HTML 23Page - Texas Instruments TRF1020 Datasheet HTML 24Page - Texas Instruments TRF1020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TRF1020
GSM RECEIVER
SLWS028B – MAY 1998 – REVISED SEPTEMBER 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
12.5
12.4
12.2
12
2.5
3
12.7
12.9
Voltage – V
LNA HIGH GAIN AT 25
°C
vs
VOLTAGE
13
3.5
12.8
12.6
12.3
12.1
920 MHz
940 MHz
960 MHz
Figure 9
Figure 10
2
1.9
1.7
1.5
2.5
3
2.2
2.4
Voltage – V
LNA HIGH
-GAIN NOISE FIGURE AT 25
°C
vs
VOLTAGE
2.5
3.5
940 MHz
960 MHz
920 MHz
2.3
2.1
1.8
1.6
Figure 11
3
2
1
0
2.5
3
4
5
Voltage – V
LNA HIGH
-GAIN IP3 AT 25
°C
vs
VOLTAGE
6
3.5
960 MHz
940 MHz
920 MHz
Figure 12
0.0112
0.011
0.0108
0.0104
2.5
3
0.0116
0.0118
Voltage – V
LNA HIGH
-GAIN CURRENT AT 25
°C
vs
VOLTAGE
0.012
3.5
0.0114
0.0106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com