Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF2020 Datasheet(PDF) 21 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TRF2020 Datasheet HTML 17Page - Texas Instruments TRF2020 Datasheet HTML 18Page - Texas Instruments TRF2020 Datasheet HTML 19Page - Texas Instruments TRF2020 Datasheet HTML 20Page - Texas Instruments TRF2020 Datasheet HTML 21Page - Texas Instruments TRF2020 Datasheet HTML 22Page - Texas Instruments TRF2020 Datasheet HTML 23Page - Texas Instruments TRF2020 Datasheet HTML 24Page - Texas Instruments TRF2020 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
21
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
auxiliary-1 prescaler (continued)
The speed-up total-time duration of the auxiliary synthesizer boost charge pumps is defined as follows:
TIME
AUX–SP
+ 2
G
1
f
ref
,
where 1
≤ G < 26, and fref is the corresponding phase detector reference frequency.
The speed-up mode of both auxiliary synthesizers is controlled by field G in Word-1, although each auxiliary
synthesizer has its own independent speed-up mode counter.
auxiliary-2 prescaler
Auxiliary-2 prescaler coefficients are defined by Word-2 at address 10.
The total division of the auxiliary-2 synthesizer prescaler is defined as follows:
TOTALAUX–2 = 8 × J + H,
where 7
≤ J < 211†, and 0 ≤ H < 23.
† The above equation defines a synthesizer operation where contiguous channels exist for all combinations of H and J. If J < 7, the synthesizer
no longer provides contiguous channels. In either case, it is important that the value assigned to H is never greater than the value assigned to
J.
reference divider postscalers
Each synthesizer section is referenced to the main reference divider through a selectable divide-by-1, -2, -4,
or -8 postscaler (see the reference divider section below). Selection of the additional 1, 2, 4, or 8 division is
determined by the state of bits L, M, and N, as depicted in Word-2 as follows:
Additional Postscaler Division
N1, M1, OR L1
N0, M0, OR L0
ADDITIONAL DIVISION
0
0
1
0
1
2
1
0
4
1
1
8
reference divider
The reference divider coefficients are defined by Word-3 at address 11. The total division of the 11-bit reference
counter is defined as follows:
TOTAL
REF
+ 1
P
,
where 1
≤ P < 211.
power enable
Each synthesizer section can be enabled/disabled by manipulation of fields R, S, and T of Word-3. The
appropriate synthesizer section is enabled if a logic one (1) is written to the appropriate field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com