Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF2020 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF2020
Description  SYNTHESIZER FOR GLOBAL SYSTEM FOR MOBILE GSM CELLULAR TELEPHONES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2020 Datasheet(HTML) 1 Page - Texas Instruments

  TRF2020 Datasheet HTML 1Page - Texas Instruments TRF2020 Datasheet HTML 2Page - Texas Instruments TRF2020 Datasheet HTML 3Page - Texas Instruments TRF2020 Datasheet HTML 4Page - Texas Instruments TRF2020 Datasheet HTML 5Page - Texas Instruments TRF2020 Datasheet HTML 6Page - Texas Instruments TRF2020 Datasheet HTML 7Page - Texas Instruments TRF2020 Datasheet HTML 8Page - Texas Instruments TRF2020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TRF2020
SYNTHESIZER FOR GLOBAL SYSTEM
FOR MOBILE (GSM) CELLULAR TELEPHONES
SLWS020B – FEBRUARY 1995 – REVISED JANUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Three Separate Loops: 1 UHF and 2 VHF
D Operation to 1.2-GHz for Main Synthesizer
D Operation to 250 MHz for Auxiliary
Synthesizers
D Fast Lock-up Time
D High-Speed Serial Data Bus
D Low Power Consumption
D Ideal for Global Systems for Mobile
Communications (GSM) Applications
description
The Texas Instruments (TI
™) TRF2020 is an
integrated high performance frequency synthe-
sizer device. The TRF2020 consists of one main
1.2-GHz synthesizer and two auxiliary 250-MHz
synthesizers. Each synthesizer has an independent dual-modulus prescaler and separate powerdown modes.
These features provide maximum flexibility for the design of 900-MHz wireless systems.
The main synthesizer consists of a 32/33-modulus prescaler with an 11-bit counter, a phase-frequency detector,
and a charge pump. The phase-frequency detector is referenced to an internal reference frequency that is
derived from an external TCXO signal. The phase-frequency detector is also provided with a dead-zone
compensation circuit that reduces synthesizer phase noise during locked conditions.
Each auxiliary synthesizer consists of an independent 8/9-modulus prescaler with an 11-bit counter, a
phase-frequency detector, and a charge pump. Similar to the main synthesizer, each auxiliary synthesizer’s
phase-frequency detector is referenced to an internal reference frequency that is derived from an external
TCXO signal.
The external TCXO signal is prescaled by an 11-bit counter and then distributed to three independent
postscalers. Each postscaler provides a selectable, divide-by-1, -2, -4, or -8 function before the reference signal
is distributed to the associated synthesizer phase detector. The reference frequency prescaler and independent
postscalers are software programmable.
To achieve minimum lock-up time, each synthesizer contains a speed-up mode charge pump capable of
providing 2 mA output current and an analog switch that can change the loop-filter time constant. The duration
of the speed-up mode operations can be independently controlled with software.
The states of the three internal lock detectors are provided on a programmable, combinational logic output; each
synthesizer can be selected independently or ANDed together.
The device is programmed over a three- wire, synchronous, serial data bus (clock, data, strobe) with achievable
bit rates as high as 20 Mbits/sec. The data is partitioned into words in such a manner that static parameters may
be sent once during initialization, and dynamic parameters, such as frequency, may be sent as often as needed.
The TRF2020 is offered in a 24-pin plastic thin-shrink small-outline package (TSSOP) and is characterized for
free-air operation from – 40
°C to 85°C.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDD
CLOCK
DATA
STROBE
LD
VSS
REF_IN
VSSP
PDA2
SW2
VDDP2
AUX2_IN
AUX1_IN
VDDP1
PDA1
SW1
RPA
VDDA
SWM
PDM
VSSA
RPM
VDDPM
RF_IN
PW PACKAGE
(TOP VIEW)


Similar Part No. - TRF2020

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRF20-103 RCD-TRF20-103 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRF20-104 RCD-TRF20-104 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRF20-105 RCD-TRF20-105 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRF20-106 RCD-TRF20-106 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRF20-107 RCD-TRF20-107 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRF2020

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1173V-1 MITSUBISHI-MF1173V-1 Datasheet
48Kb / 1P
FOR GSM MOBILE TELEPHONE, Tx
logo
NXP Semiconductors
PCF5081 PHILIPS-PCF5081 Datasheet
186Kb / 14P
GSM baseband processors for digital mobile cellular radio
September 1993
UMA1017M PHILIPS-UMA1017M Datasheet
171Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 10
UMA1019AM PHILIPS-UMA1019AM Datasheet
134Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1995 Jul 07
UMA1021M PHILIPS-UMA1021M Datasheet
107Kb / 16P
Low-voltage frequency synthesizer for radio telephones
1999 Jun 17
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
Linear codec IC for digital cellular telephones
BU8731KV ROHM-BU8731KV Datasheet
240Kb / 11P
PCM codec IC for digital cellular telephones
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
PCM codec IC for digital cellular telephones
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
Baseband Processor for Analog Cellular Telephones
logo
Laird Tech Smart Techno...
TRA6927M3 LSTD-TRA6927M3 Datasheet
1Mb / 2P
Domestic Cellular and Global GSM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com