Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3024LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3024LSD
Description  30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3024LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3024LSD Datasheet HTML 1Page - Diodes Incorporated DMN3024LSD Datasheet HTML 2Page - Diodes Incorporated DMN3024LSD Datasheet HTML 3Page - Diodes Incorporated DMN3024LSD Datasheet HTML 4Page - Diodes Incorporated DMN3024LSD Datasheet HTML 5Page - Diodes Incorporated DMN3024LSD Datasheet HTML 6Page - Diodes Incorporated DMN3024LSD Datasheet HTML 7Page - Diodes Incorporated DMN3024LSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMN3024LSD
Document Revision: 3
1 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN3024LSD
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
30V
24m
Ω @ VGS= 10V
7.2A
36m
Ω @ VGS= 4.5V
5.8A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
•
Motor control
•
Backlighting
•
DC-DC Converters
•
Power management functions
Features and Benefits
•
Low on-resistance
•
Fast switching speed
•
“Green” component and RoHS compliant (Note 1)
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0 (Note 1)
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DMN3024LSD-13
N3024LD
13
12
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are Eu RoHS compliant and contain no halogens or antimony compounds; further information
about Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website.
Marking Information
N3024LD = Product Type Marking Code
= Manufacturer’s Marking
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-52)
TOP VIEW
D1
S1
G1
S2
G2
Top view
D1
D2
D2
D2
S2
G2
D1
S1
G1
N3024LD
YY WW
Please click here to visit our online spice models database.


Similar Part No. - DMN3024LSD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
DMN3024LSD-13 VBSEMI-DMN3024LSD-13 Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
logo
Diodes Incorporated
DMN3024LSD DIODES-DMN3024LSD_15 Datasheet
693Kb / 8P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN3024LSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMD63N03X ZETEX-ZXMD63N03X Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A04DN8 ZETEX-ZXMN3A04DN8 Datasheet
56Kb / 4P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A04DN8 DIODES-ZXMN3A04DN8 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3A06DN8 DIODES-ZXMN3A06DN8 Datasheet
192Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2002
ZXMN3AM832 DIODES-ZXMN3AM832 Datasheet
194Kb / 7P
DUAL 30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
DMN3035LWN DIODES-DMN3035LWN_15 Datasheet
596Kb / 7P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN3135LVT DIODES-DMN3135LVT_15 Datasheet
190Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
DMN3015LSD DIODES-DMN3015LSD_15 Datasheet
291Kb / 6P
30V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJL9804 PANJIT-PJL9804 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 25,2017-REV.01
PJL9808 PANJIT-PJL9808 Datasheet
351Kb / 6P
30V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com