Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF3520 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF3520
Description  GSM RF MODULATOR/DRIVER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3520 Datasheet(HTML) 1 Page - Texas Instruments

  TRF3520 Datasheet HTML 1Page - Texas Instruments TRF3520 Datasheet HTML 2Page - Texas Instruments TRF3520 Datasheet HTML 3Page - Texas Instruments TRF3520 Datasheet HTML 4Page - Texas Instruments TRF3520 Datasheet HTML 5Page - Texas Instruments TRF3520 Datasheet HTML 6Page - Texas Instruments TRF3520 Datasheet HTML 7Page - Texas Instruments TRF3520 Datasheet HTML 8Page - Texas Instruments TRF3520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TRF3520
GSM RF MODULATOR/DRIVER AMPLIFIER
SLWS060A – MAY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Modulation and Upconversion from I/Q
Baseband to RF on Single Chip
D Designed for GSM Portable Cellular
Telephones
D Internal VCO and SSB Mixer for Transmit
Carrier Generation
D Internal RF Filter for Minimal External Parts
D Power Amplifier Driver
D Independent Power-Up/-Down Functions
D 3.75-V Operation
D Low Current Consumption
D Serial Data Interface
D 48-Pin Plastic Quad Flatpack (PFB)
description
The TRF3520 radio frequency (RF) modulator/amplifier is a single-chip RF integrated circuit (IC) suitable for
900-MHz wireless global system for mobile communications (GSM) applications. It combines a direct
conversion RF in-phase/quadrature-phase (I/Q) modulator, a single-sideband suppressed carried (SSB) mixer,
an RF filter, a power amplifier (PA) driver, a buffered voltage-controlled oscillator (VCO), and a serial interface
into one small package. Very few external components are required. During idle operation, the individual
functional elements may be selectively placed in standby mode for minimum power consumption.
14 15
TXM_VCC
TXM_GND
TXM_LO+
TXM_LO–
TXM_GND
TXM_GND
NC
PH2
PH1
MOD_GND
MOD_VCC
MOD_GND
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
TXO_TNK2
TXO_TNK1
TXO_GND
NC
NC
NC
PSUB
NC
DRV_GND
DRV_OUT–
DRV_OUT+
DRV_GND
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PFB PACKAGE
(TOP VIEW)
NC – No internal connection
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TRF3520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
MODULATOR/SYNTHESIZER
TRF3040PHP TI-TRF3040PHP Datasheet
576Kb / 40P
MODULATOR/SYNTHESIZER
TRF3040PT TI-TRF3040PT Datasheet
576Kb / 40P
MODULATOR/SYNTHESIZER
TRF3040PTR TI-TRF3040PTR Datasheet
576Kb / 40P
MODULATOR/SYNTHESIZER
TRF3302 TI2-TRF3302 Datasheet
1Mb / 27P
TRF3302 1165MHz to 1630MHz, Multiband, GPS and GNSS, Low-Noise Amplifier
OCTOBER 2025
More results

Similar Description - TRF3520

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA500 FILTRONIC-FMA500 Datasheet
323Kb / 4P
OC-192 MODULATOR PRE-DRIVER AMPLIFIER
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
OC-192 MODULATOR DRIVER AMPLIFIER
MAX002 FILTRONIC-MAX002 Datasheet
41Kb / 2P
Optical Communications - Modulator Driver Amplifier
logo
TriQuint Semiconductor
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
12.5Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
RF Driver Amplifier
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
10.7Gb/s Modulator Driver Amplifier
logo
Analog Devices
HMC-AUH249 AD-HMC-AUH249 Datasheet
722Kb / 8P
GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC465 AD-HMC465 Datasheet
452Kb / 8P
GaAs pHEMT MMIC MODULATOR DRIVER AMPLIFIER
HMC-AUH232 AD-HMC-AUH232 Datasheet
557Kb / 10P
GaAs HEMT MMIC MODULATOR DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com