Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # TL072
Description  LOW NOISE JFET INPUT OPERATIONAL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL072 Datasheet(HTML) 5 Page - Diodes Incorporated

  TL072 Datasheet HTML 1Page - Diodes Incorporated TL072 Datasheet HTML 2Page - Diodes Incorporated TL072 Datasheet HTML 3Page - Diodes Incorporated TL072 Datasheet HTML 4Page - Diodes Incorporated TL072 Datasheet HTML 5Page - Diodes Incorporated TL072 Datasheet HTML 6Page - Diodes Incorporated TL072 Datasheet HTML 7Page - Diodes Incorporated TL072 Datasheet HTML 8Page - Diodes Incorporated TL072 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TL072
LOW NOISE JFET INPUT OPERATIONAL
AMPLIFIERS
TL072 Rev. 1
5 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Maximum Peak Output Voltage vs Supply Voltage
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
2
4
6
8
10
12
14
16
18
|Vcc±| Supply Voltage (V)
RL=10kΩ
TA=25℃
0
Maximum Peak Output Voltage vs Temperature
0.0
2.5
5.0
7.5
10.0
12.5
15.0
-50
-25
0
25
50
75
100
TA-Free Air Temperature (℃ )
VCC±=±15V
See Figure 2
RL=2kΩ
RL=10kΩ
0
Maximum Peak Output Voltage vs Load Resistance
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10
100
1000
Load Resistance (k
Ω)
VCC±=±15V
TA=25℃
See Figure 2
0.1
0.2
0.4
0.7
1
2
4
7 10
0
Maximum Peak Output Voltage vs Frequency
0.0
2.5
5.0
7.5
10.0
12.5
15.0
Frequency (Hz)
VCC±=±15V
RL=10kΩ
TA=25℃
See Figure 2
VCC±=±10V
VCC±=±5V
100
1k
10k
100k
1M
10M
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com