Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TL072
Description  LOW NOISE JFET INPUT OPERATIONAL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TL072 Datasheet(HTML) 3 Page - Diodes Incorporated

  TL072 Datasheet HTML 1Page - Diodes Incorporated TL072 Datasheet HTML 2Page - Diodes Incorporated TL072 Datasheet HTML 3Page - Diodes Incorporated TL072 Datasheet HTML 4Page - Diodes Incorporated TL072 Datasheet HTML 5Page - Diodes Incorporated TL072 Datasheet HTML 6Page - Diodes Incorporated TL072 Datasheet HTML 7Page - Diodes Incorporated TL072 Datasheet HTML 8Page - Diodes Incorporated TL072 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL072
LOW NOISE JFET INPUT OPERATIONAL
AMPLIFIERS
TL072 Rev. 1
3 of 11
JULY 2009
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
(Note 8)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC+
Supply Voltage + (Note 3)
+18
V
VCC-
Supply Voltage - (Note 3)
-18
V
VI
Input voltage (Notes 3 and 5)
±15
V
VID
Differential input Voltage, VID (Note 4)
±30
V
Duration of output short circuit (Note 6)
Unlimited
PD
Power Dissipation (Note 7)
860
mW
TJ
Operating Junction Temperature Range
150
oC
TST
Storage Temperature Range
-65 to +150
oC
Notes:
3. ALL voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC
-.
4. Differential voltage are at the non-inverting input terminal with respect to the inverting input terminal.
5. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15V, whichever is less.
6. The output may be shorted to ground or either supply. Temperature and/or supply voltage must be limited to ensure that the dissipation rating is
not exceeded.
7. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD=(TJ(max)-TA)/ θJA . Operating at the absolute maximum TJ of 150℃ can affect reliability
Recommended Operating Conditions
(Note 8)
Symbol
Description
Rating
Unit
VCC±
Supply Voltage
±15
V
TA
Operating Ambient Temperature Range
-40 to +85
°C
Notes:
8. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the
test conditions, see the Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com