Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF8010 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF8010
Description  900-MHz RF TRANSMIT DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF8010 Datasheet(HTML) 1 Page - Texas Instruments

  TRF8010 Datasheet HTML 1Page - Texas Instruments TRF8010 Datasheet HTML 2Page - Texas Instruments TRF8010 Datasheet HTML 3Page - Texas Instruments TRF8010 Datasheet HTML 4Page - Texas Instruments TRF8010 Datasheet HTML 5Page - Texas Instruments TRF8010 Datasheet HTML 6Page - Texas Instruments TRF8010 Datasheet HTML 7Page - Texas Instruments TRF8010 Datasheet HTML 8Page - Texas Instruments TRF8010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TRF8010
900-MHz RF TRANSMIT DRIVER
SLWS031B – JULY 1996– REVISED MAY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operates from 3.6-V and 4.8-V Power
Supplies for AMPS/NADC and GSM
Applications Respectively
D Unconditionally Stable
D Wide UHF Frequency Range
800 MHz to 1000 MHz
D 21 dBm and 23 dBm Typical Output Power
in AMPS/NADC and GSM Applications
Respectively
D Linear Ramp Control
D Transmit Enable/Disable Control
D Advanced BiCMOS Processing Technology
for Low-Power Consumption, High
Efficiency, and Highly Linear Operation
D Minimum of External Components
Required for Operation
D Surface-Mount Thermally Enhanced
Package for Extremely Small Circuit
Footprint
description
The TRF8010 is an RF transmit driver amplifier for 900-MHz digital, analog, and dual-mode communication
applications. It consists of a two-stage amplifier and a linear ramp controller for burst control in TDMA (time
division multiple access) applications. Very few external components are required for operation.
The TRF8010 amplifies the RF signal from the preceding modulator and upconverter stages in an RF section
of a transmitter to a level that is sufficient to drive a final RF power output device. The output impedance of
RFOUT is approximately 50
Ω. But, since RFOUT is connected to an open-collector output device, minimal
external matching is required.
The device is enabled when the TXEN input is held high. A power control signal applied to the VPC input can
ramp the RF output power up or down to meet ramp and spurious emission specifications in TDMA systems.
The power control signal causes a linear change in output power as the voltage applied to VPC varies between
0 V and 3 V. With the RF input power applied to RFIN at 0 dBm and TXEN high, adjusting VPC from 0 V to
3 V increases the output power from a typical value of –54 dBm at VPC = 0 V to the output power appropriate
for the application:
D 21 dBm typical for AMPS/NADC (Advanced Mobile Phone Service/North American Digital Cellular)
operation
D 23 dBm typical for GSM (Global System for Mobile Communications) operation
Forward isolation with the RF input power applied to RFIN at 0 dBm, VPC = 0 V, and TXEN high is typically
greater than 50 dB.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
GND
RFIN
GND
NC
VPC
GND
NC
VBB
GND
GND
GND
RFOUT
GND
GND
TXEN
GND
VCC
VCC
GND
PWP PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TRF8010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF8010 TI1-TRF8010 Datasheet
188Kb / 10P
900-MHz RF TRANSMIT DRIVER
TRF8010PWPR TI1-TRF8010PWPR Datasheet
188Kb / 10P
900-MHz RF TRANSMIT DRIVER
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
900-MHz RF TRANSMIT DRIVER
More results

Similar Description - TRF8010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9024 PHILIPS-SA9024 Datasheet
151Kb / 23P
900 MHz transmit modulator and 1.3 GHz fractional-N synthesizer
1997 Aug 01
SA9025 PHILIPS-SA9025 Datasheet
134Kb / 23P
900 MHz transmit modulator and 2.2 GHz fractional-N synthesizer
1997 Aug 01
logo
Texas Instruments
TRF8011 TI-TRF8011 Datasheet
142Kb / 8P
900-MHz RF TRANSMIT DRIVER
logo
Analog Devices
AD6190 AD-AD6190 Datasheet
150Kb / 8P
900 MHz RF Transceiver
logo
ATMEL Corporation
AT48810 ATMEL-AT48810 Datasheet
31Kb / 5P
900 MHz Spread- Spectrum RF Module
logo
API Technologies Corp
CMN538-60 APITECH-CMN538-60 Datasheet
132Kb / 2P
900 MHz Transmit Filter, 60dB Rejection
CMN538-40 APITECH-CMN538-40 Datasheet
122Kb / 2P
900 MHz Transmit Filter, 40dB Rejection
CMN538-20 APITECH-CMN538-20 Datasheet
129Kb / 2P
900 MHz Transmit Filter, 20dB Rejection
logo
Texas Instruments
TRF8011 TI1-TRF8011_09 Datasheet
154Kb / 8P
900-MHz RF TRANSMIT DRIVER
TRF8010_1998 TI1-TRF8010_1998 Datasheet
188Kb / 10P
900-MHz RF TRANSMIT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com