Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AM Datasheet(PDF) 21 Page - Texas Instruments

Part # TSB14C01AM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AM Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB14C01AM Datasheet HTML 17Page - Texas Instruments TSB14C01AM Datasheet HTML 18Page - Texas Instruments TSB14C01AM Datasheet HTML 19Page - Texas Instruments TSB14C01AM Datasheet HTML 20Page - Texas Instruments TSB14C01AM Datasheet HTML 21Page - Texas Instruments TSB14C01AM Datasheet HTML 22Page - Texas Instruments TSB14C01AM Datasheet HTML 23Page - Texas Instruments TSB14C01AM Datasheet HTML 24Page - Texas Instruments TSB14C01AM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Total Transmit Skew
+ Transmit Package Skew ) Spatial Skew ) Logic Skew
D Total Receive Skew — The total skew between data and strobe in receiving data from the bus into the phy.
This is given by the following equation.
Total Receive Skew
+ Receive Package Skew ) Spatial Skew ) Receive Setup ) Receive Hold
D Skew Margin — The bit cell period minus all skews. This is given by the following equation.
Skew Margin
+ Bit Cell Period * Total Transmit Skew * Backplane Skew * Total Receive Skew
D Transmit Edge Separation — The minimum time required between any two consecutive transitions of the
bus signals to ensure proper operation of data-strobe bit level encoding. Transmit edge separation is
measured from the midpoint of the signal transition to the midpoint of the next signal transition out on the
bus. Minimum transmit edge separation is the minimum bit cell period less the maximum total transmit skew.
D Receive Edge Separation — The minimum time required between any two consecutive transitions of the
bus signals to ensure proper operation of data-strobe bit level decoding. Receive edge separation is
measured from the midpoint of the signal transition to the midpoint of the next signal transition out on the
bus. This is the minimum bit cell period reduced by the amount of maximum total transmit skew and
maximum backplane skew.
gap timing
A gap is a period of time during which the bus is idle (Data_Rx and Strb_Rx are unasserted). There are three
types of gaps:
D Acknowledge Gap — Appears between the end of a packet and an acknowledge, as well as between
isochronous transfers. A node should detect the occurrence of an acknowledge gap after the bus has been
in an unasserted state for 4 arbitration clock times (approximately 81.38 ns), but should not assert the bus
until a total of 8 arbitration clock times (approximately 182.76 ns) have occurred. This requirement ensures
that a node is given adequate time to detect the acknowledge gap before the bus is asserted by another
node upon detecting an acknowledge gap. This includes the minimum time required to detect a BUS_IDLE
(4 arbitration clock times), as well as the maximum delay between the arbitration state machines within any
two nodes on the bus (another 4 arbitration clock times).
D Subaction Gap — Appears before asynchronous transfers within a fairness interval. A node should detect
the occurrence of a subaction gap after the bus has been in an unasserted state for at least 16 arbitration
clock times (approximately 325.52 ns), but should not assert the bus until a total of 20 arbitration clock times
(approximately 406.9 ns) have occurred. This requirement ensures that a node is given adequate time to
detect the subaction gap before the bus is asserted by another node (upon detecting a subaction gap). The
duration of the subaction gap ensures that another node asserting the bus after an acknowledge gap has
been detected by this time.
D Arbitration Reset Gap — Appears before asynchronous transfers when the fairness interval starts. A node
should detect the occurrence of an arbitration reset gap after the bus has been in an unasserted state for
at least 28 arbitration clock times (approximately 569.66 ns), but should not assert the bus until a total of
32 arbitration clock times (approximately 651.04 ns) have occurred. This requirement ensures that a node
is given adequate time to detect the arbitration reset gap before the bus is asserted by another node (upon
detecting an arbitration reset gap). The duration of the arbitration reset gap ensures that another node
asserting the bus after a subaction gap or an acknowledge gap has been detected by this time.
If a node is waiting for the occurrence of a particular gap, and the bus has become idle for the specified time
(e.g., 32 arbitration clock times for an arbitration reset gap), the node detects the gap and asserts the bus within
the time constraints described under the bus synchronization and propagation delay section of this document.
These constraints ensure that an asserted signal propagates through the node decision/transceiver circuitry
and onto the bus soon enough to allow arbitration to occur properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com