Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AM Datasheet(PDF) 28 Page - Texas Instruments

Part # TSB14C01AM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AM Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSB14C01AM Datasheet HTML 23Page - Texas Instruments TSB14C01AM Datasheet HTML 24Page - Texas Instruments TSB14C01AM Datasheet HTML 25Page - Texas Instruments TSB14C01AM Datasheet HTML 26Page - Texas Instruments TSB14C01AM Datasheet HTML 27Page - Texas Instruments TSB14C01AM Datasheet HTML 28Page - Texas Instruments TSB14C01AM Datasheet HTML 29Page - Texas Instruments TSB14C01AM Datasheet HTML 30Page - Texas Instruments TSB14C01AM Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
bus reset
Once a phy control request of bus reset is communicated from the node controller to the phy, the registers and
CSRs associated with the operation of that phy are initialized to their default values. State machines associated
with phy operations can be initialized. The phy communicates a BUS_RESET onto the bus. After the
BUS_RESET event is detected by the node transmitting it (i.e., approximately 320 arbitration clock times after
the signal is initiated), the phy initializes itself.
NOTE
Since a phy transmitting a BUS_RESET must also react accordingly once the BUS_RESET event
is detected, its state machines do have the opportunity to advance beyond those of other nodes.
This ensures that all nodes are in somewhat similar states after such a bus reset event. Obviously,
the logic (e.g., counters) used within the phy to generate the BUS_RESET signal must not be reset
once that phy simultaneously detects its own BUS_RESET.
Once a phy detects that a BUS_RESET event has occurred on the bus, it initializes itself. The node controller
initiates a bus reset by writing to the phy control register with the IBR bit set to 1. The phy hardware resets the
IBR bit to zero on detection of its own bus reset.
live insertion
It is up to the user to design their node or module to safely receive power from the particular backplane they
are using during a live insertion or tap-in. But in principal, live insertion is supported and does not cause a
bus-reset event to occur. Please see the TI application note,
Live Insertion, TI literature number SDYA012.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com