Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5310PAPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 36Page - Texas Instruments PCM5310PAPR Datasheet HTML 37Page - Texas Instruments PCM5310PAPR Datasheet HTML 38Page - Texas Instruments PCM5310PAPR Datasheet HTML 39Page - Texas Instruments PCM5310PAPR Datasheet HTML 40Page - Texas Instruments PCM5310PAPR Datasheet HTML 41Page - Texas Instruments PCM5310PAPR Datasheet HTML 42Page - Texas Instruments PCM5310PAPR Datasheet HTML 43Page - Texas Instruments PCM5310PAPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
I2CTiming Diagram
SDA
SCL
t
(BUF)
t
(D-SU)
t
(SDA-R)
t
(SDA-F)
t
(P-SU)
t
(LOW)
t
(D-HD)
t
(S-HD)
t
(SCL-F)
t
(SCL-R)
t
(RS-SU)
t
(RS-HD)
Stop
Condition
Start
Condition
t
(SP)
t
(HI)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
Figure 46. I2C Timing
Table 29. Timing Characteristics for Figure 46
PARAMETER
I2C SPECIFICATION
MIN
MAX
UNIT
fSCL
SCL clock frequency
Standard
100
kHz
t(BUF)
Bus free time between STOP and START condition
Standard
4.7
µs
t(LOW)
SCL clock low period
Standard
4.7
µs
t(HI)
SCL clock high period
Standard
4
µs
t(RS-SU)
START condition setup time
Standard
4.7
µs
t(S-HD)
START condition hold time
Standard
4
µs
t(D-SU)
Data setup time
Standard
250
ns
t(D-HD)
Data hold time
Standard
0
900
ns
t(SCL-R)
SCL signal rise time
Standard
20 + 0.1 CB
1000
ns
Rise time of SCL signal after a repeated START
t(SCL-R1)
Standard
20 + 0.1 CB
1000
ns
condition and after an acknowledge bit
t(SCL-F)
SCL signal fall time
Standard
20 + 0.1 CB
1000
ns
t(SDA-R)
SDA signal rise time
Standard
20 + 0.1 CB
1000
ns
t(SDA-F)
SDA signal fall time
Standard
20 + 0.1 CB
1000
ns
t(P-SU)
STOP condition setup time
Standard
4
µs
CB
Capacitive load for SDA and SCL line
400
pF
t(SP)
Suppressed spike pulse duration
25
ns
40
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com