Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5310PAPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 43Page - Texas Instruments PCM5310PAPR Datasheet HTML 44Page - Texas Instruments PCM5310PAPR Datasheet HTML 45Page - Texas Instruments PCM5310PAPR Datasheet HTML 46Page - Texas Instruments PCM5310PAPR Datasheet HTML 47Page - Texas Instruments PCM5310PAPR Datasheet HTML 48Page - Texas Instruments PCM5310PAPR Datasheet HTML 49Page - Texas Instruments PCM5310PAPR Datasheet HTML 50Page - Texas Instruments PCM5310PAPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
PCM5310
www.ti.com ............................................................................................................................................................................................ SLES244 – FEBRUARY 2009
PAFE: Power Up/Down Control for Input Mux and Gain Amplifier
This bit powers up/down the input mux and the gain amplifier.
Default value: 1
0
Power up
1
Power down (default)
PABE: Power Up/Down Control for Output Mux, Line Amp, and Headphone Amplifier
This bit powers up/down the output mux, the line amplifiers, and the headphone amplifier.
Default value: 1
0
Power up
1
Power down (default)
PCOM: Power Up/Down Control for Common Voltage Circuit
This bit powers up/down the common voltage circuit for the ADC and DAC channels.
Default value: 1
0
Power up
1
Power down (default)
PDTM[2:0]: Power Up/Down Time Control
The power-up time selection for the PCM5310 can be from ground level to common voltage for analog outputs.
The power-down time selection can be from the common voltage to ground level for analog outputs at the power
on/off sequence. The time described in Figure 32 is defined for a 48-kHz sampling rate. Set bits PDCF[1:0] in
Register 17 when the sampling rate is more than 48 kHz at the power up/down sequence.
Default value: 001
PDTM[2:0]
POWER-UP TIME
POWER-DOWN TIME
000
37.5 ms
75 ms
001
75 ms (default)
150 ms
010
150 ms
300 ms
011
300 ms
600 ms
100
1000 ms
2000 ms
101
Reserved
Reserved
110
Reserved
Reserved
111
Reserved
Reserved
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com