Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59461PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC59461PWPR Datasheet HTML 9Page - Texas Instruments TLC59461PWPR Datasheet HTML 10Page - Texas Instruments TLC59461PWPR Datasheet HTML 11Page - Texas Instruments TLC59461PWPR Datasheet HTML 12Page - Texas Instruments TLC59461PWPR Datasheet HTML 13Page - Texas Instruments TLC59461PWPR Datasheet HTML 14Page - Texas Instruments TLC59461PWPR Datasheet HTML 15Page - Texas Instruments TLC59461PWPR Datasheet HTML 16Page - Texas Instruments TLC59461PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
45
40
35
30
25
20
15
10
5
0
0
10
20
30
70
DotCorrectionData(dec)
40
50
60
T =+25 C
°
A
I
=40mA
OLCMax
I
=20mA
OLCMax
I
=5mA
OLCMax
45
40
35
30
25
20
15
10
5
0
0
10
20
30
70
DotCorrectionData(dec)
40
50
60
T =
40 C
-
°
A
T =+25 C
°
A
T =
C
°
A
+85
I
=40mA
OLCMax
Time(25ns/div)
I
=40mA
T =+25 C,R
=100
C
=15pF,VLED=5V
,DCn=3Fh
°
W
OLCMax
A
L0
L0
CH3-OUT15
(GSData=001h)
C 2-OUT0
(GSData=001h)
H
CH1-GSCLK
(33MHz)
CH1(2V/div)
CH2(2V/div)
CH3(2V/div)
TLC59461
www.ti.com............................................................................................................................................... SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
At VCC = 3.3 V and TA = +25°C, unless otherwise noted.
DOT CORRECTION LINEARITY
DOT CORRECTION LINEARITY
(ABS Value)
(ABS Value)
Figure 20.
Figure 21.
CONSTANT-CURRENT OUTPUT
VOLTAGE WAVEFORM
Figure 22.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com