Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC59461PWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59461PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59461PWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC59461PWPR Datasheet HTML 12Page - Texas Instruments TLC59461PWPR Datasheet HTML 13Page - Texas Instruments TLC59461PWPR Datasheet HTML 14Page - Texas Instruments TLC59461PWPR Datasheet HTML 15Page - Texas Instruments TLC59461PWPR Datasheet HTML 16Page - Texas Instruments TLC59461PWPR Datasheet HTML 17Page - Texas Instruments TLC59461PWPR Datasheet HTML 18Page - Texas Instruments TLC59461PWPR Datasheet HTML 19Page - Texas Instruments TLC59461PWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
t
(ns)=t
(ns)
GSn
´
OUTON
GSCLK
(3)
GS15.11
MSB
191
GSOUT15
GS
5.
1
0
GS1.0
GS0.11
GS0.0
180
12
11
LSB
0
GS14.11
179
GSOU 14toGS
T
OUT1
GSOUT0
TLC59461
SLVS896A – NOVEMBER 2008 – REVISED MARCH 2009............................................................................................................................................... www.ti.com
When the IC powers on, the data in the shift register and latch are not set to any default value. Therefore, GS
data must be written to the GS latch before turning the constant-current output on. Additionally, BLANK should
be high when the device is powered on, to prevent the outputs from turning on before the proper grayscale and
dot correction values are written. All constant-current outputs are always off when BLANK is high.
Each output (OUTn) on-time (tOUTON) is calculated by Equation 3:
Where:
• t
GSCLK = the period of GSCLK
• GSn = the programmed grayscale value of output n (GSn = 0 to 4095d)
If XLAT goes high during a grayscale cycle, then new GS data are immediately latched into the GS latch. This
action can cause the outputs to turn on or off unexpectedly. For proper operation, GS data should only be
latched into the IC at the end of a GS period when BLANK is high.
When MODE is low, the input shift register works as a GS shift register. The shift registers and data latches are
each 192 bits in length, and are used to set the PWM timing for each constant-current driver. Figure 25 shows
the GS serial data configuration. Refer to Figure 12 for a timing diagram for writing data into the shift register and
latch. The driver on-time is set by the data in the GS data latch. GS data present on the SIN pin are clocked into
the shift register with each rising edge of the SCLK pin. Data are shifted in MSB first. Data are latched from the
shift register into the GS data latch with a rising edge on the XLAT pin.
If there are any unconnected output LED lamps (including connection failures or short-circuits), the grayscale
data corresponding to the unconnected output should be set to '0' before turning on the LEDs. Otherwise, the
VCC supply current (IVCC) increases while the constant-current outputs are on.
Figure 25. Grayscale Serial Data Configuration
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com