Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWL1102 Datasheet(PDF) 1 Page - Texas Instruments

Part # TWL1102
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1102 Datasheet(HTML) 1 Page - Texas Instruments

  TWL1102 Datasheet HTML 1Page - Texas Instruments TWL1102 Datasheet HTML 2Page - Texas Instruments TWL1102 Datasheet HTML 3Page - Texas Instruments TWL1102 Datasheet HTML 4Page - Texas Instruments TWL1102 Datasheet HTML 5Page - Texas Instruments TWL1102 Datasheet HTML 6Page - Texas Instruments TWL1102 Datasheet HTML 7Page - Texas Instruments TWL1102 Datasheet HTML 8Page - Texas Instruments TWL1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TWL1102
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLVS264 – NOVEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2.7-V Operation
D Two Differential Microphone Inputs, One
Differential Earphone Output, and One
Single-Ended Earphone Output
D Programmable Gain Amplifiers for
Transmit, Receive, Sidetone, and Volume
Control
D Earphone Mute and Microphone Mute
D On-chip I2C-Bus, Which Provides a Simple,
Standard, Two-Wire Serial Interface With
Digital ICs
D Programmable for 15-Bit Linear Data or
8-Bit Companded (
µ-Law or A-Law) Data
D Available in a 32-Terminal TQFP Package
D Designed for Analog and Digital Wireless
Handsets and Telecommunications
Applications
D Dual-Tone Multi-Frequency (DTMF) and
Single Tone Generator
D Pulse Density Modulated (PDM) Buzzer
Output
description
The voice-band audio processor (VBAP) is designed to perform the transmit encoding analog/digital (A/D)
conversion and receive decoding digital/analog (D/A) conversion, together with transmit and receive filtering
for voice-band communications systems. The device operates in either the 15-bit linear or 8-bit companded
(µ-law or A-Law) mode, which is selectable through the I2C interface. From a 2.048-MHz master clock input,
the VBAP generates its own internal clocks.
PBS PACKAGE
(TOP VIEW)
31
30
29
28
27
9
10
PCMO
PCMI
DVSS
DVDD
SCL
SDA
NC
NC
PLLVDD
EARVSS
EAR1ON
EARVDD
EAR1OP
EARVSS
EAR2O
AVDD
32
26
11
12
13
14
15
16
25
1
2
3
45
67
8
24 23 22 21 20 19 18 17
NC – No internal connection
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level,
preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for
Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
VBAP is a trademark of Texas Instruments Incorporated.


Similar Part No. - TWL1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL1101 TI-TWL1101 Datasheet
408Kb / 31P
VOICE-BAND AUDIO PROCESSOR
TWL1101 TI-TWL1101 Datasheet
398Kb / 31P
VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFB TI-TWL1101PFB Datasheet
398Kb / 31P
VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
VOICE-BAND AUDIO PROCESSOR (VBAPE)
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
VOICE-BAND AUDIO PROCESSOR VBAPE
More results

Similar Description - TWL1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1109 TI-TWL1109 Datasheet
369Kb / 27P
VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
VOICE-BAND AUDIO PROCESSOR VBAPE
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36IPT TI-TLV320AC36IPT Datasheet
326Kb / 23P
3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
VOICE-BAND AUDIO PROCESSOR (VBAPE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com