Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWL1102 Datasheet(PDF) 21 Page - Texas Instruments

Part # TWL1102
Description  VOICE-BAND AUDIO PROCESSOR VBAPE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL1102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TWL1102 Datasheet HTML 17Page - Texas Instruments TWL1102 Datasheet HTML 18Page - Texas Instruments TWL1102 Datasheet HTML 19Page - Texas Instruments TWL1102 Datasheet HTML 20Page - Texas Instruments TWL1102 Datasheet HTML 21Page - Texas Instruments TWL1102 Datasheet HTML 22Page - Texas Instruments TWL1102 Datasheet HTML 23Page - Texas Instruments TWL1102 Datasheet HTML 24Page - Texas Instruments TWL1102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TWL1102
VOICE-BAND AUDIO PROCESSOR (VBAP
™)
SLVS264 – NOVEMBER 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit operation (continued)
_
+
_
+
Vref
510 k
Ω
510 k
Ω
34 k
Ω
34 k
Ω
Ci MIC1N
Ci MIC1P
M
I
C
Rmic
Rmic
MBIAS
Figure 7. Typical Microphone Interface
microphone mute function
Transmit channel muting provides 80-dB attenuation of input microphone signal. The MICMUTE function can
be selected by setting bit 6 of the power control register through the I2C interface.
transmit channel gain control
The values in the transmit PGA control registers control control the gain in the transmit path. The total TX
channel gain can vary from 35.5 dB to 13.5 dB. The default total TX channel gain is 23.5 dB
Table 4. Transmit Gain Control
BIT NAME
MIC AMP1
MIC AMP2
TX PGA
GAIN
MODE
TOTAL TX GAIN
TP3
TP2
TP1
TP0
GAIN
GAIN
GAIN
MIN
TYP
MAX
UNIT
0
0
0
0
23.5
12
0
Extended
35.3
35.5
35.7
dB
0
0
0
1
23.5
12
–2
Extended
33.3
33.5
33.7
dB
0
0
1
0
23.5
12
–4
Extended
31.3
31.5
31.7
dB
0
0
1
1
23.5
12
–6
Extended
29.3
29.5
29.7
dB
0
1
0
0
23.5
12
–8
Extended
27.3
27.5
27.7
dB
0
1
0
1
23.5
12
–10
Extended
25.3
25.5
25.7
dB
1
0
0
0
23.5
0
0
Normal
23.3
23.5
23.7
dB
1
0
0
1
23.5
0
–2
Normal
21.3
21.5
21.7
dB
1
0
1
0
23.5
0
–4
Normal
19.3
19.5
19.7
dB
1
0
1
1
23.5
0
–6
Normal
17.3
17.5
17.7
dB
1
1
0
0
23.5
0
–8
Normal
15.3
17.5
17.7
dB
1
1
0
1
23.5
0
–10
Normal
13.3
13.5
13.7
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com