Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS10-100-R1K Datasheet(PDF) 4 Page - ASM GmbH

Part # WS10-100-R1K
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-100-R1K Datasheet(HTML) 4 Page - ASM GmbH

  WS10-100-R1K Datasheet HTML 1Page - ASM GmbH WS10-100-R1K Datasheet HTML 2Page - ASM GmbH WS10-100-R1K Datasheet HTML 3Page - ASM GmbH WS10-100-R1K Datasheet HTML 4Page - ASM GmbH WS10-100-R1K Datasheet HTML 5Page - ASM GmbH WS10-100-R1K Datasheet HTML 6Page - ASM GmbH WS10-100-R1K Datasheet HTML 7Page - ASM GmbH WS10-100-R1K Datasheet HTML 8Page - ASM GmbH WS10-100-R1K Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ASM
CAT-WS-E-05
11
www.asm-sensor.com
Cable Forces
typical at 20 °C
Resolution
Maximum Pull-out Force
[N]
Minimum Pull-in Force
[N]
Pulses per mm
10
5.8
3.0
Outline drawing
Dimensions informative only.
For guaranteed dimensions consult factory
Option
SB0
Model WS10
with incremental encoder output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com