Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS10-100-R1K Datasheet(PDF) 8 Page - ASM GmbH

Part # WS10-100-R1K
Description  analog or SSI output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10-100-R1K Datasheet(HTML) 8 Page - ASM GmbH

Back Button WS10-100-R1K Datasheet HTML 2Page - ASM GmbH WS10-100-R1K Datasheet HTML 3Page - ASM GmbH WS10-100-R1K Datasheet HTML 4Page - ASM GmbH WS10-100-R1K Datasheet HTML 5Page - ASM GmbH WS10-100-R1K Datasheet HTML 6Page - ASM GmbH WS10-100-R1K Datasheet HTML 7Page - ASM GmbH WS10-100-R1K Datasheet HTML 8Page - ASM GmbH WS10-100-R1K Datasheet HTML 9Page - ASM GmbH WS10-100-R1K Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
64
CAT-WS-E-05
ASM
www.asm-sensor.com
Output Specification
ADSI16 for WS position sensors
The sensing device of the ADSI is a precision potentiometer. The position information is
given by an analog/digital converter output serialized as a data word. Data transmission
takes place by means of the signals CLOCK and DATA. The processing unit (PLC, Micro-
computer) sends pulse sequences which clock the data transmission with the required
transfer rate. With the first falling edge of a pulse sequence the position of the sensor is
recorded and stored. The following rising edges control the bit-by-bit A/D conversion,
encoding and output of the data word. After a delay time the next new position information
will be transmitted.
Signal Conditioner
ADSI
A/D converted
synchronous serial
Output
EIA RS-422, RS-485, short-circuit proof
Excitation voltage
11 ... 27 VDC
Excitation current
200 mA max.
Clock frequency
70 ... 500 kHz
Code
Gray code, continuous progression
Delay between pulse trains
T=30 µs min.
Resolution
16 bit (65536 counts) full scale; optional 12 bit
or 14 bit
Stability (temperature)
±50 x 10
-6 / °C full scale
Operation temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Recommended
Processing
Input Circuit
GND (0V)
Sensor circuit
Cable
Subsequent circuit
Data Format
(Train of 26 Pulses)
Mating connector: view to solder terminals
Note:
Extension of the cable length will reduce the
maximum transmission rate. The signals
CLOCK/CLOCK and DATA/DATA must be
connected in a twisted pair cable, shielded
per pair and common.
Description
· Resolution 16 bit, data transmission synchronous serial/SSI
· Optional available with 12 bit (ADSI) or 14 bit (ADSI14) resolution
· No loss of data at power-down
· Easy to connect to PLC’s with SSI input circuit
Signal Wiring
Signal names
Connector pin no.
Excitation +
1
Excitation GND (0V)
2
CLOCK
3
CLOCK
4
DATA
5
DATA
6
Screen
not connected
CONN-M12-8F-G
CONN-DIN-8F-W
Transmission rate
Cable length
Baud rate
< 50 m
< 300 kHz
< 100 m
< 100 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com