Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701DCQ Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQ Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73701DCQ Datasheet HTML 8Page - Texas Instruments TPS73701DCQ Datasheet HTML 9Page - Texas Instruments TPS73701DCQ Datasheet HTML 10Page - Texas Instruments TPS73701DCQ Datasheet HTML 11Page - Texas Instruments TPS73701DCQ Datasheet HTML 12Page - Texas Instruments TPS73701DCQ Datasheet HTML 13Page - Texas Instruments TPS73701DCQ Datasheet HTML 14Page - Texas Instruments TPS73701DCQ Datasheet HTML 15Page - Texas Instruments TPS73701DCQ Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
V
V
N
RMS
(m
)=8.5
(V)
x V
OUT
()
mVRMS
V
(3)
DROPOUT VOLTAGE
BOARD LAYOUT RECOMMENDATION TO
TRANSIENT RESPONSE
INTERNAL CURRENT LIMIT
ENABLE PIN AND SHUTDOWN
TPS737xx
SBVS067I – JANUARY 2006 – REVISED MARCH 2009.................................................................................................................................................... www.ti.com
An internal 27k
Ω resistor in series with the noise
When shutdown capability is not required, EN can be
reduction pin (NR) forms a low-pass filter for the
connected to VIN. However, the pass gate may not be
voltage reference when an external noise reduction
discharged using this configuration, and the pass
capacitor, CNR, is connected from NR to ground. For
transistor may be left on (enhanced) for a significant
CNR = 10nF, the total noise in the 10Hz to 100kHz
time after VIN has been removed. This scenario can
bandwidth is reduced by a factor of ~3.2, giving the
result in reverse current flow (if the IN pin is low
approximate relationship:
impedance) and faster ramp times upon power-up. In
addition, for VIN ramp times slower than a few
milliseconds,
the
output
may
overshoot
upon
power-up.
for CNR = 10nF.
This noise reduction effect is shown as RMS Noise
The TPS737xx uses an NMOS pass transistor to
Voltage vs CNR in the Typical Characteristics section.
achieve extremely low dropout. When (VIN – VOUT) is
The TPS73701 adjustable version does not have the
less than the dropout voltage (VDO), the NMOS pass
NR pin available. However, connecting a feedback
device is in its linear region of operation and the
capacitor, CFB, from the output to the feedback pin
input-to-output resistance is the RDS, ON of the NMOS
(FB) reduces output noise and improve load transient
pass element.
performance. This capacitor should be limited to
For large step changes in load current, the TPS737xx
0.1µF.
requires a larger voltage drop from VIN to VOUT to
avoid degraded transient response. The boundary of
The TPS737xx uses an internal charge pump to
this transient dropout region is approximately twice
develop an internal supply voltage sufficient to drive
the dc dropout. Values of VIN – VOUT above this line
the gate of the NMOS pass element above VOUT. The
ensure normal transient response.
charge pump generates ~250
µV of switching noise at
~4MHz; however, charge-pump noise contribution is
Operating in the transient dropout region can cause
negligible at the output of the regulator for most
an increase in recovery time. The time required to
values of IOUT and COUT.
recover from a load transient is a function of the
magnitude of the change in load current rate, the rate
of
change
in
load
current,
and
the
available
IMPROVE PSRR AND NOISE PERFORMANCE
headroom
(VIN to VOUT voltage drop). Under
worst-case conditions [full-scale instantaneous load
To improve ac performance such as PSRR, output
change with (VIN – VOUT) close to dc dropout levels],
noise, and transient response, it is recommended that
the TPS737xx can
take
a
couple
of
hundred
the printed circuit board (PCB) be designed with
microseconds to return to the specified regulation
separate ground planes for VIN and VOUT, with each
accuracy.
ground plane connected only at the GND pin of the
device. In addition, the ground connection for the
bypass capacitor should connect directly to the GND
pin of the device.
The low open-loop output impedance provided by the
NMOS
pass
element
in
a
voltage
follower
configuration allows operation without a 1.0µF output
capacitor. As with any regulator, the addition of
The TPS737xx internal current limit helps protect the
additional capacitance from the OUT pin to ground
regulator during fault conditions. Foldback current
reduces undershoot magnitude but increases its
limit helps to protect the regulator from damage
duration. In the adjustable version, the addition of a
during output short-circuit conditions by reducing
capacitor, CFB, from the OUT pin to the FB pin will
current limit when VOUT drops below 0.5V. See
also improve the transient response.
Figure 12 in the Typical Characteristicssection.
The enable pin (EN) is active high and is compatible
with standard TTL-CMOS levels. A VEN below 0.5V
(max) turns the regulator off and drops the GND pin
current to approximately 10nA. When EN is used to
shutdown the regulator, all charge is removed from
the pass transistor gate, and the output ramps back
up to a regulated VOUT (see Figure 23).
12
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com