Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701DCQ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DCQ
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DCQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73701DCQ Datasheet HTML 9Page - Texas Instruments TPS73701DCQ Datasheet HTML 10Page - Texas Instruments TPS73701DCQ Datasheet HTML 11Page - Texas Instruments TPS73701DCQ Datasheet HTML 12Page - Texas Instruments TPS73701DCQ Datasheet HTML 13Page - Texas Instruments TPS73701DCQ Datasheet HTML 14Page - Texas Instruments TPS73701DCQ Datasheet HTML 15Page - Texas Instruments TPS73701DCQ Datasheet HTML 16Page - Texas Instruments TPS73701DCQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
dV
dT
+
V
OUT
C
OUT
80kW ø RLOAD
(4)
dV
dT
+
V
OUT
C
OUT
80kW ø (R1 ) R2) ø RLOAD
(5)
POWER DISSIPATION
REVERSE CURRENT
P
D
+ VIN * VOUT
I
OUT
(6)
THERMAL PROTECTION
PACKAGE MOUNTING
TPS737xx
www.ti.com.................................................................................................................................................... SBVS067I – JANUARY 2006 – REVISED MARCH 2009
The TPS737xx does not have active pull-down when
Any tendency to activate the thermal protection circuit
the output is over-voltage. This architecture allows
indicates
excessive
power
dissipation
or
an
applications that connect higher voltage sources,
inadequate heatsink. For reliable operation, junction
such as alternate power supplies, to the output. This
temperature should be limited to +125°C maximum.
architecture also results in an output overshoot of
To estimate the margin of safety in a complete design
several percent if the load current quickly drops to
(including
heatsink),
increase
the
ambient
zero when a capacitor is connected to the output. The
temperature until the thermal protection is triggered;
duration of overshoot can be reduced by adding a
use worst-case loads and signal conditions. For good
load resistor. The overshoot decays at a rate
reliability, thermal protection should trigger at least
determined
by
output
capacitor
COUT and the
+35°C
above
the
maximum
expected
ambient
internal/external load resistance. The rate of decay is
condition
of
your
application.
This
produces
a
given by:
worst-case junction temperature of +125°C at the
highest
expected
ambient
temperature
and
(Fixed voltage version)
worst-case load.
The internal protection circuitry of the TPS737xx has
been designed to protect against overload conditions.
It was not intended to replace proper heatsinking.
(Adjustable voltage version)
Continuously running the TPS737xx into thermal
shutdown degrades device reliability.
The ability to remove heat from the die is different for
each
package
type,
presenting
different
The NMOS pass element of the TPS737xx provides
considerations in the PCB layout. The PCB area
inherent protection against current flow from the
around the device that is free of other components
output of the regulator to the input when the gate of
moves the heat from the device to the ambient air.
the pass device is pulled low. To ensure that all
Performance data for JEDEC low- and high-K boards
charge is removed from the gate of the pass element,
are shown in the Power Dissipation Ratings table.
the EN pin must be driven low before the input
Using heavier copper will increase the effectiveness
voltage is removed. If this is not done, the pass
in removing heat from the device. The addition of
element may be left on because of stored charge on
plated through-holes to heat-dissipating layers also
the gate.
improves the heatsink effectiveness.
After the EN pin is driven low, no bias voltage is
Power dissipation depends on input voltage and load
needed on any pin for reverse current blocking. Note
conditions. Power dissipation (PD) is equal to the
that reverse current is specified as the current flowing
product of the output current times the voltage drop
out of the IN pin because of voltage applied on the
across the output pass element (VIN to VOUT):
OUT pin. There will be additional current flowing into
the OUT pin as a result of the 80k
Ω internal resistor
divider to ground (see Figure 1 and Figure 2).
Power dissipation can be minimized by using the
For the TPS73701, reverse current may flow when
lowest possible input voltage necessary to assure the
VFB is more than 1.0V above VIN.
required output voltage.
Thermal protection disables the output when the
Solder
pad
footprint
recommendations
for
the
junction temperature rises to approximately +160°C,
TPS737xx are presented in Application Bulletin
allowing the device to cool. When the junction
Solder Pad Recommendations for Surface-Mount
temperature cools to approximately +140°C, the
Devices
(SBFA015),
available
from
the
Texas
output circuitry is again enabled. Depending on power
Instruments web site at www.ti.com.
dissipation,
thermal
resistance,
and
ambient
temperature, the thermal protection circuit may cycle
on and off. This cycling limits the dissipation of the
regulator,
protecting
it
from
damage
due
to
overheating.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com