Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2024D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBLS2024D
Description  20 V, 1.8 A PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2024D Datasheet(HTML) 3 Page - NXP Semiconductors

  PBLS2024D Datasheet HTML 1Page - NXP Semiconductors PBLS2024D Datasheet HTML 2Page - NXP Semiconductors PBLS2024D Datasheet HTML 3Page - NXP Semiconductors PBLS2024D Datasheet HTML 4Page - NXP Semiconductors PBLS2024D Datasheet HTML 5Page - NXP Semiconductors PBLS2024D Datasheet HTML 6Page - NXP Semiconductors PBLS2024D Datasheet HTML 7Page - NXP Semiconductors PBLS2024D Datasheet HTML 8Page - NXP Semiconductors PBLS2024D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PBLS2024D_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 20 July 2009
3 of 16
NXP Semiconductors
PBLS2024D
20 V, 1.8 A PNP BISS loadswitch
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
TR1; PNP low VCEsat transistor
VCBO
collector-base voltage
open emitter
-
−20
V
VCEO
collector-emitter voltage
open base
-
−20
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current
-
−1.8
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−3A
IB
base current
-
−300
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−1A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
370
mW
[2] -
480
mW
[3] -
630
mW
TR2; NPN resistor-equipped transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+40
V
negative
-
−10
V
IO
output current
-
100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1][2]
[3]
-
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
480
mW
[2] -
590
mW
[3] -
760
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com