Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2024D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBLS2024D
Description  20 V, 1.8 A PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2024D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBLS2024D Datasheet HTML 3Page - NXP Semiconductors PBLS2024D Datasheet HTML 4Page - NXP Semiconductors PBLS2024D Datasheet HTML 5Page - NXP Semiconductors PBLS2024D Datasheet HTML 6Page - NXP Semiconductors PBLS2024D Datasheet HTML 7Page - NXP Semiconductors PBLS2024D Datasheet HTML 8Page - NXP Semiconductors PBLS2024D Datasheet HTML 9Page - NXP Semiconductors PBLS2024D Datasheet HTML 10Page - NXP Semiconductors PBLS2024D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PBLS2024D_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 20 July 2009
7 of 16
NXP Semiconductors
PBLS2024D
20 V, 1.8 A PNP BISS loadswitch
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
VBEon
base-emitter
turn-on voltage
VCE = −10 V; IC = −1A
[1] -
−0.73 −1.1
V
td
delay time
VCC = −10 V; IC = −1A;
IBon = −50 mA;
IBoff =50mA
-17
-
ns
tr
rise time
-
33
-
ns
ton
turn-on time
-
50
-
ns
ts
storage time
-
270
-
ns
tf
fall time
-
60
-
ns
toff
turn-off time
-
330
-
ns
fT
transition frequency
IC = −50 mA; VCE = −10 V;
f = 100 MHz
-
130
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
-45
-
pF
TR2; NPN resistor-equipped transistor
ICBO
collector-base cut-off
current
VCB =50V; IE = 0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE =30V; IB = 0 A
--1
µA
VCE =30V; IB =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
180
µA
hFE
DC current gain
VCE =5V; IC = 5 mA
60
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE =5V; IC = 100 µA
-
1.1
0.8
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 5 mA
2.5
1.7
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-
-
2.5
pF
Table 7.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com