Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8579T/1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8579T/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579T/1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8579T/1 Datasheet HTML 3Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 4Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 5Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 6Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 7Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 8Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 9Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 10Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PCF8579_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 11 May 2009
7 of 41
NXP Semiconductors
PCF8579
LCD column driver for dot matrix graphic displays
7.2 Pin description
[1]
The TEST pin must be connected to VSS.
[2]
Do not connect, these pins are reserved.
8.
Functional description
The PCF8579 column driver is designed for use with the PCF8578. Together they form a
general purpose LCD dot matrix chip set.
Typically up to 16 PCF8579s may be used with one PCF8578 (examples of cascading the
devices see Table 16, Figure 21, Figure 22, Figure 23 and Figure 24). Each of the
PCF8579s is identified by a unique 4-bit hardware subaddress, set by pins A0 to A3.
The PCF8578 can operate with up to 32 PCF8579s when using two I2C-bus slave
addresses. The two slave addresses are set by the logic level on input SA0.
8.1 Power-on reset
At power-on the PCF8579 resets to a defined starting condition as follows:
1. Display blank (in conjunction with PCF8578)
2. 1:32 multiplex rate
3. Start bank 0 selected
4. Data pointer is set to X, Y address 0, 0
5. Character mode
6. Subaddress counter is set to 0
7. I2C-bus interface is initialized
Table 3.
Pin description
Symbol
Pin
Description
VSO56
LQFP64,
TQFP64
SDA
1
7
I2C-bus serial data input/output
SCL
2
8
I2C-bus serial clock input
SYNC
3
9
cascade synchronization output
CLK
4
10
external clock input/output
VSS
5
11
ground
TEST[1]
6
12
test pin
SA0
7
13
I2C-bus slave address input (bit 0)
A3 to A0
8 to 11
14, 16 to 18
I2C-bus subaddress inputs
VDD
12
20
supply voltage
n.c.[2]
13
15, 19, 21, 25
to 29, 34
not connected
V3, V4
14, 15
22, 23
LCD bias voltage inputs
VLCD
16
24
LCD supply voltage
C39 to C0
17 to 56
30 to 33, 35
to 64, 1 to 6
LCD column driver outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com