Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8579T/1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8579T/1
Description  LCD column driver for dot matrix graphic displays
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8579T/1 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8579T/1 Datasheet HTML 1Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 2Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 3Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 4Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 5Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 6Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 7Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 8Page - NXP Semiconductors PCF8579T/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1.
General description
The PCF8579 is a low power CMOS1 LCD column driver, designed to drive dot matrix
graphic displays at multiplex rates of 1:8, 1:16, 1:24 or 1:32. The device has 40 outputs
and can drive 32
× 40 dots in a 32 row multiplexed LCD. Up to 16 PCF8579s can be
cascaded and up to 32 devices may be used on the same I2C-bus (using the two slave
addresses). The device is optimized for use with the PCF8578 LCD row/column driver.
Together these devices form a general purpose LCD dot matrix driver chip set, capable of
driving displays of up to 40960 dots. The PCF8579 is compatible with most
microcontrollers and communicates via a two-line bidirectional bus (I2C-bus). To allow
partial VDD shutdown the ESD protection system of the SCL and SDA pins does not use a
diode connected to VDD. Communication overhead is minimized by a display RAM with
auto-incremented addressing and display bank switching.
2.
Features
I LCD column driver
I Used in conjunction with the PCF8578, this device forms part of a chip set capable of
driving up to 40960 dots
I 40 column outputs
I Selectable multiplex rates; 1:8, 1:16, 1:24 or 1:32
I Externally selectable bias configuration, 5 or 6 levels
I Easily cascadable for large applications (up to 32 devices)
I 1280-bit RAM for display data storage
I Display memory bank switching
I Auto-incremented data loading across hardware subaddress boundaries (with
PCF8578)
I Power-On Reset (POR) blanks display
I Logic voltage supply range 2.5 V to 6 V
I Maximum LCD supply voltage 9 V
I Low power consumption
I I2C-bus interface
I Compatible with most microcontrollers
I Optimized pinning for single plane wiring in multiple device applications (with
PCF8578)
I Space saving 56-lead small outline package and 64-pin quad flat pack
PCF8579
LCD column driver for dot matrix graphic displays
Rev. 05 — 11 May 2009
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 15.


Similar Part No. - PCF8579T/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8579T PHILIPS-PCF8579T Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
More results

Similar Description - PCF8579T/1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Toshiba Semiconductor
T6B07 TOSHIBA-T6B07 Datasheet
438Kb / 10P
COLUMN DRIVER FOR A DOT MATRIX LCD
T7932 TOSHIBA-T7932 Datasheet
887Kb / 20P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K14 TOSHIBA-T6K14 Datasheet
593Kb / 45P
COLUMN AND ROW DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K01 TOSHIBA-T6K01 Datasheet
238Kb / 13P
COLUMN DRIVER LSI FOR A DOT MATRIX GRAPHIC LCD
T6K41 TOSHIBA-T6K41 Datasheet
398Kb / 44P
Column and Row Driver LSI for a Dot Matrix Graphic LCD
T6B65AFG TOSHIBA-T6B65AFG Datasheet
472Kb / 15P
Column Driver LSI for Dot Matrix Graphic LCD?셲
logo
NXP Semiconductors
PCF8578 NXP-PCF8578 Datasheet
284Kb / 46P
LCD row/column driver for dot matrix graphic displays
Rev. 06-5 May 2009
PCF8578 PHILIPS-PCF8578_03 Datasheet
261Kb / 48P
LCD row/column driver for dot matrix graphic displays
2003 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com