Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 24Page - NXP Semiconductors TDF8599B Datasheet HTML 25Page - NXP Semiconductors TDF8599B Datasheet HTML 26Page - NXP Semiconductors TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors TDF8599B Datasheet HTML 29Page - NXP Semiconductors TDF8599B Datasheet HTML 30Page - NXP Semiconductors TDF8599B Datasheet HTML 31Page - NXP Semiconductors TDF8599B Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
28 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
11. Thermal characteristics
12. Static characteristics
Table 18.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
35
K/W
Rth(j-c)
thermal resistance from junction
to case
1
K/W
Table 19.
Static characteristics
VP =VDDA = 14.4 V; fosc = 320 kHz; −40 °C < Tamb < +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VP
supply voltage
8
14.4
24
V
IP
supply current
off state; Tj ≤ 85 °C; VP = 14.4 V
-
2
10
µA
Iq(tot)
total quiescent current
Operating mode; no load,
snubbers and filter connected
-
90
120
mA
Series resistance output switches
RDSon
drain-source on-state
resistance
power switch;
Tj =25 °C
-
140
150
m
Ω
Tj = 100 °C
-
190
205
m
Ω
I2C-bus interface: pins SCL and SDA
VIL
LOW-level input voltage
0
-
1.5
V
VIH
HIGH-level input voltage
2.3
-
5.5
V
VOL
LOW-level output voltage
pin SDA; Iload = 5 mA
0
-
0.4
V
Address, phase shift and modulation mode select: pins ADS and MOD
Vi
input voltage
pins not connected
[1] 1.5
2
2.7
V
Ii
input current
pins shorted to GND
[1] 80
105
160
µA
Enable and SEL_MUTE input: pins EN and SEL_MUTE
Vi
input voltage
pin EN; off state
0
-
0.8
V
pin EN; Standby mode; I2C-bus
mode
2-
5V
pin EN; Mute mode or Operating
mode; non-I2C-bus mode
2-
5V
pin SEL_MUTE; Mute mode;
voltage on pin EN>2V
0
-
0.8
V
pin SEL_MUTE; Operating mode;
voltage on pin EN>2V
3-
5V
Ii
input current
pin EN; 2.5 V
-
-
5
µA
pin SEL_MUTE; Operating mode;
0.8 V
--50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com