Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 2Page - NXP Semiconductors TDF8599B Datasheet HTML 3Page - NXP Semiconductors TDF8599B Datasheet HTML 4Page - NXP Semiconductors TDF8599B Datasheet HTML 5Page - NXP Semiconductors TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
6 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
The TDF8599B includes integrated common circuits for all channels such as the oscillator,
all reference sources, mode functionality and a digital timing manager. In addition, the
built-in protection includes thermal foldback, temperature, overcurrent and overvoltage
(load dump).
The TDF8599B operates in either I2C-bus mode or non-I2C-bus mode. In I2C-bus mode,
DC load detection, frequency hopping and extended configuration functions are provided
together with enhanced diagnostic information.
8.2 Mode selection
The mode pins EN, ADS and SEL_MUTE enable mute state, I2C-bus mode and Operating
mode switching.
Pin SEL_MUTE is used to mute and unmute the device and must be connected to an
external capacitor (CON). This capacitor generates a time constant which is used to
ensure smooth fade-in and fade-out of the input signal.
The TDF8599B is enabled when pin EN is HIGH. When pin EN is LOW, the TDF8599B is
off and the supply current is at its lowest value (typically 2
µA). When off, the TDF8599B is
completely deactivated and will not react to I2C-bus commands.
I2C-bus mode is selected by connecting a resistor between pins ADS and AGND. In
I2C-bus mode with pin EN HIGH, the TDF8599B waits for further commands (see
Table 4). I2C-bus mode is described in Section 9 on page 23.
Non-I2C-bus mode is selected by connecting pin ADS to pin AGND. In non-I2C-bus mode,
the default TDF8599B state is Mute mode. The amplifiers switch idle (50 % duty cycle)
and the audio signal is suppressed at the output. In addition, the capacitor (CSVRR) is
charged to half the supply voltage. To enter Operating mode, pin SEL_MUTE must be
HIGH with S1 open, enabling capacitor (CON) charged by an internal pull-up (see
Figure 3). In addition, pin EN must be driven HIGH.
I2C-bus mode and non-I2C-bus mode control are described in Table 4 on page 7 and
Table 5 on page 7. Switches S1 and S2 are shown in Figure 3.
a. Non-I2C-bus mode
b. I2C-bus mode
See Table 13 for detailed information on
RADS.
Fig 3.
Mode selection
001aak216
SEL_MUTE
EN
ADS
AGND
3.3 V
CON
S1
S2
TDF8599B
001aak217
SEL_MUTE
EN
3.3 V
CON
S2
TDF8599B
ADS
RADS
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com