Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 18Page - NXP Semiconductors TDF8599BTH Datasheet HTML 19Page - NXP Semiconductors TDF8599BTH Datasheet HTML 20Page - NXP Semiconductors TDF8599BTH Datasheet HTML 21Page - NXP Semiconductors TDF8599BTH Datasheet HTML 22Page - NXP Semiconductors TDF8599BTH Datasheet HTML 23Page - NXP Semiconductors TDF8599BTH Datasheet HTML 24Page - NXP Semiconductors TDF8599BTH Datasheet HTML 25Page - NXP Semiconductors TDF8599BTH Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
22 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
8.6.3 Start-up and shutdown sequence
To prevent switch on or switch off ‘pop noise’, a capacitor (CSVRR) connected to pin SVRR
is used to smooth start-up and shutdown. During start-up and shutdown, the output
voltage tracks the voltage on pin SVRR. Increasing CSVRR results in a longer start-up and
shutdown time. Enhanced pop noise performance is achieved by muting the amplifier until
the SVRR voltage reaches its final value and the outputs start switching. The value of
capacitor connected to pin SEL_MUTE (CON) determines the unmute and mute timing.
The voltage on pin SEL_MUTE determines the amplifier gain. Increasing CON increases
the unmute and mute times. In addition, a larger CON value increases the DC load
detection cycle.
When the amplifier is switched off with an I2C-bus command or by pulling pin EN LOW, the
amplifier is first muted and then capacitor (CSVRR) is discharged.
In Slave mode, the device enters the off state immediately after capacitor (CSVRR) is
discharged. In Master mode, the clock is kept active by an additional delay (td(2)) of
approximately 50 ms to allow slave devices to enter the off state.
When an external clock is connected to pin OSCIO (in Slave mode), the clock must
remain active during the shutdown sequence for delay (td(1)) to ensure that the slaved
TDF8599B devices are able to enter the off state.
(1) Shutdown hold delay.
(2) Master mode shutdown delay.
(3) Shutdown delay.
Fig 20. Start-up and shutdown timing in I2C-bus mode with DC load detection
001aai790
VDDA
DIAG
EN
ACGND
IB1[D0] and
IB2[D0] = 0
SEL_MUTE
SVRR
OUTn
td(2)
td(1)
td(mute-fgain)
mute delay
td(stb-mute)
twake
tdet(DCload)
td(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com