Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 3Page - NXP Semiconductors TDF8599BTH Datasheet HTML 4Page - NXP Semiconductors TDF8599BTH Datasheet HTML 5Page - NXP Semiconductors TDF8599BTH Datasheet HTML 6Page - NXP Semiconductors TDF8599BTH Datasheet HTML 7Page - NXP Semiconductors TDF8599BTH Datasheet HTML 8Page - NXP Semiconductors TDF8599BTH Datasheet HTML 9Page - NXP Semiconductors TDF8599BTH Datasheet HTML 10Page - NXP Semiconductors TDF8599BTH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
TDF8599B_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 July 2009
7 of 54
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel class-D power amplifier
[1]
X = do not care.
[1]
X = do not care.
8.3 Pulse-width modulation frequency
The output signal from the amplifier is a PWM signal with a clock frequency of fosc. This
frequency is set by connecting a resistor (Rosc) between pins OSCSET and AGND. The
optimal clock frequency setting is between 300 kHz and 400 kHz. Connecting a resistor
with a value of 39 k
Ω, for example, sets the clock frequency to 320 kHz (see Figure 5).
The external capacitor (Cosc) has no influence on the oscillator frequency. It does
however, reduce jitter and sensitivity to disturbance. Using a 2nd order LC demodulation
filter in the application generates an analog audio signal across the loudspeaker.
8.3.1 Master and slave mode selection
In a master and slave configuration, multiple TDF8599B devices are daisy-chained
together in one audio application with a single device providing the clock frequency signal
for all other devices. In this situation, it is recommended that the oscillators of all devices
are synchronized for optimum EMI behavior as follows:
All OSCIO pins are connected together and one TDF8599B in the application is
configured as the clock-master. All other TDF8599B devices are configured as
clock-slaves (see Figure 5).
• The clock-master pin OSCIO is configured as the oscillator output. When a resistor
(Rosc) is connected between pins OSCSET and AGND, the TDF8599B is in Master
mode.
• The clock-slave pins OSCIO are configured as the oscillator inputs. When pin
OSCSET is directly connected to pin AGND (see Table 6), the TDF8599B is in Slave
mode.
Table 4.
I2C-bus mode operation
Pin EN
Pin SEL_MUTE
Bit IB1[D0]
Bit IB2[D0]
Mode
HIGH (S2 closed)
HIGH
1
0
Operating mode
LOW
1
1
Mute mode
LOW
0
X[1]
Standby mode
LOW (S2 open)
X[1]
X[1]
X[1]
off (default)
Table 5.
Non-I2C-bus mode operation
Pin EN
Pin SEL_MUTE
Mode
HIGH (S2 closed)
HIGH (S1 open)
Operating mode
LOW (S1 closed)
Mute mode (default)
LOW (S2 open)
X[1]
off
Table 6.
Mode setting pin OSCIO
Mode
Settings
Pin OSCSET
Pin OSCIO
Master
Rosc > 26 kΩ
output
Slave
Rosc =0 Ω; shorted to pin AGND
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com