Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6802 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6802
Description  1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6802 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6802 Datasheet HTML 9Page - Torex Semiconductor XC6802 Datasheet HTML 10Page - Torex Semiconductor XC6802 Datasheet HTML 11Page - Torex Semiconductor XC6802 Datasheet HTML 12Page - Torex Semiconductor XC6802 Datasheet HTML 13Page - Torex Semiconductor XC6802 Datasheet HTML 14Page - Torex Semiconductor XC6802 Datasheet HTML 15Page - Torex Semiconductor XC6802 Datasheet HTML 16Page - Torex Semiconductor XC6802 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
XC6802
Series
■PACKAGING INFORMATION
●SOT-25
●SOT-89-5
●USP-6C
<Package Dimensions>
●USP-6C Reference Pattern Layout
●USP-6C Reference Metal Mask Design
(unit : mm)
1.8±0.05
0.50
(0.10)
1.4±0.1
0.20±0.05
0.30±0.05
0.10±0.05
1pin INDENT
(unit : mm)
Φ1.0
1.6
+0.15
-0.2
4.5±0.1
0.42±0.06
0.42±0.06
0.47±0.06
8°
8°
1.5±0.1
1.5±0.1
0.4
+0.03
-0.02
0.4
+0.03
-0.02
12
3
4
5
0.42±0.06
0.42±0.06
0.42±0.06
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com