Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6802 Datasheet (PDF) - Torex Semiconductor

XC6802 Datasheet PDF - Torex Semiconductor
Part # XC6802
Download  XC6802 Download
File Size   356.03 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage

XC6802 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6802 Datasheet PDF - Torex Semiconductor

Part # XC6802
Download  XC6802 Click to download

File Size   356.03 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage

XC6802 Datasheet (HTML) - Torex Semiconductor


XC6802 Product details

■ GENERAL DESCRIPTION

The XC6802 series is a constant-current/constant-voltage linear charger IC for single cell lithium-ion batteries. The XC6802 includes a reference voltage source, battery voltage monitor, driver transistor, constant-current/constant-voltage charge circuit, over heat protection circuit, phase compensation circuit. The battery charge termination voltage is internally set to 4.2V ± 0.7% and the trickle charge voltage and accuracy is 2.9V ±3%. In trickle charge mode, a safe charge to a battery is possible because approximately 1/10 out of setting charge current is supplied to the battery. With an external RSEN resistor, the charge current can be set freely up to 800mA (MAX.), therefore, the series is ideal for various battery charge applications. The series’ charge status output pin, /CHG pin, is capable of checking the IC’s charging state while connecting with an external LED.



■ FEATURES

  Operating Voltage Range           : 4.25V ~ 6.0V

  Charge Current                    : Externally set up to 800mA (MAX.)

  Charge Termination Voltage        : 4.2V ±0.7%

  Trickle Charge Voltage            : 2.9V ±3%

  Supply Current (Stand-by)         : 15μA (TYP.)

  Function                                : Constant-current/constant-voltage Operation

                                               Thermal Shutdown

                                               Automatic Recharge

                                               Charge Status Output Pin

                                               Soft-start Function (Inrush Limit Current)

  Operating Ambient Temperature     : -40℃~+85℃

  Packages                          : SOT-89-5, SOT-25, USP-6C, USP-6EL

  Environmentally Friendly          : EU RoHS Compliant, Pb Free

 

■ APPLICATIONS

● Charging docks, charging cradles

● MP3 players, portable audio players

● Cellular phones, PDAs

● Bluetooth headsets



 




Similar Part No. - XC6802

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42X4R-G TOREX-XC6802A42X4R-G Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XER TOREX-XC6802A42XER Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XER-G TOREX-XC6802A42XER-G Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802A42XMR TOREX-XC6802A42XMR Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
More results


Similar Description - XC6802

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801 TOREX-XC6801 Datasheet
397Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
logo
Torex Semiconductor
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com