Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6801 Datasheet (PDF) - Torex Semiconductor

XC6801 Datasheet PDF - Torex Semiconductor
Part # XC6801
Download  XC6801 Download
File Size   397.46 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage

XC6801 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6801 Datasheet PDF - Torex Semiconductor

Part # XC6801
Download  XC6801 Click to download

File Size   397.46 Kbytes
Page   18 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage

XC6801 Datasheet (HTML) - Torex Semiconductor


XC6801 Product details

■GENERAL DESCRIPTION

The XC6801 series is a constant-current/constant-voltage linear charger IC for single cell lithium-ion batteries. The XC6801 includes a reference voltage source, battery voltage monitor, driver transistor, constant-current/constant-voltage charge circuit, overheat protection circuit and phase compensation circuit. The battery charge termination voltage is internally set to 4.2V ±0.7% and the trickle charge voltage and accuracy is 2.9V ±3%. In trickle charge mode, a safe battery charge is possible because approximately only 1/10 of the full charge current is supplied to the battery. As it is possible to select a highly accurate charge current of either 100mA (MAX.) for L level input to the LIM pin or 500mA (MAX.) for H level, the series is ideal for applications where the charge is from USB. The series’ charge status output pin, /CHG pin, is capable of checking the IC’s

charging state via connection to an external LED.



■ FEATURES

Operating Voltage Range : 4.25V ~ 6.0V

Charge Current (externally set)     : 100mA (MAX.) @ LIM pin=L

                                                      500mA (MAX.) @ LIM pin=H

Charge Termination Voltage : 4.2V ±0.7%

Trickle Charge Voltage : 2.9V ±3%

Supply Current (Stand-by) : 12μA (TYP.)

Packages : SOT-89-5, SOT-25, USP-6C

Constant-current/constant-voltage operation

with thermal shutdown

Automatic recharge

Charge status output pin

Soft-start function (Inrush limit current)



■APPLICATIONS

● USB charge applications

● Charging docks, charging cradles

● MP3 players, portable audio players

● Cellular phones, PDAs

● Bluetooth headsets




Similar Part No. - XC6801

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801A421ER-G TOREX-XC6801A421ER-G Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421MR-G TOREX-XC6801A421MR-G Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801A421PR-G TOREX-XC6801A421PR-G Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
More results


Similar Description - XC6801

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6802 TOREX-XC6802 Datasheet
356Kb / 18P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
logo
Torex Semiconductor
XC6801 TOREX-XC6801_12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC with Constant-Current/Constant-Voltage
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com