Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF22PR Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6701DF22PR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF22PR Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6701DF22PR Datasheet HTML 10Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 11Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 12Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 13Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 14Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 15Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 16Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 17Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14/31
XC6701 Series
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
(2) Output Voltage vs. Input Voltage
XC6701B/D J02
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
50
100
150
200
250
300
Output Current : IOUT (mA)
Ta=-40℃
Ta=25℃
Ta=85℃
VIN=VCE=21.0, CIN=CL=1.0μF (ceramic)
XC6701B/D J02
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
50
100
150
200
250
300
Output Current : IOUT (mA)
VIN=19V
VIN=20V
VIN=21V
VIN=VCE, CIN=CL=1.0μF (ceramic), Ta=25℃
XC6701B/D 182
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0.8
1.8
2.8
3.8
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃
XC6701B/D 182
1.5
1.6
1.7
1.8
1.9
2.0
2.1
4
8
12
16
20
24
28
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic),Ta=25℃
XC6701B/D 502
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃
XC6701B/D 502
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
8
1216
20
2428
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
VIN=VCE, CIN=CL=1.0μF(ceramic), Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com