Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6701DF22PR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6701DF22PR
Description  28V Operation High Speed Voltage Regulators with Stand-by Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6701DF22PR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6701DF22PR Datasheet HTML 1Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 2Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 3Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 4Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 5Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 6Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 7Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 8Page - Torex Semiconductor XC6701DF22PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
XC6701
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
B
Fixed output voltage with CE function (High Active)
①
Type and Options of
Regulators
D
Fixed output voltage with no CE function
18 ~ 99
For the voltage within 1.8V ~9.9V;
e.g. 2.5V ⇒ 25
5.0V ⇒ 50
②③
Output Voltage
A ~ H, J
For the voltage above 10.0V;
e.g. 11.6V ⇒ B6
15.2V ⇒ F2
18.0V ⇒ J0
④
Output Voltage
Accuracy
2
Output voltage 100mV increments, within ±2% accuracy
e.g. 2.5V ⇒ ②=2, ③=5, ④=2
MR
SOT-25 ( for B type only)
PR
SOT-89 (for D type only)
PR
SOT-89-5 (for B type only)
ER
USP-6C (for B type only)
ER-G
USP-6C (for B type only) (Halogen & Antimony free)
(under development)
FR
SOT-223 (for D type only)
⑤⑥-⑦
Packages
Taping Type
(*2)
JR
TO-252 (for D type only)
XC6701①②③④⑤⑥-⑦
(*1)
■ PRODUCT CLASSIFICATION
●Ordering Information
(*1)
The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com