Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRT512 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 3Page - STMicroelectronics SRT512 Datasheet HTML 4Page - STMicroelectronics SRT512 Datasheet HTML 5Page - STMicroelectronics SRT512 Datasheet HTML 6Page - STMicroelectronics SRT512 Datasheet HTML 7Page - STMicroelectronics SRT512 Datasheet HTML 8Page - STMicroelectronics SRT512 Datasheet HTML 9Page - STMicroelectronics SRT512 Datasheet HTML 10Page - STMicroelectronics SRT512 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
SRT512
Description
Doc ID 13277 Rev 4
7/46
1
Description
The SRT512 is a contactless memory, powered by an externally transmitted radio wave. It
contains a 512-bit user EEPROM fabricated with STMicroelectronics CMOS technology.
The memory is organized as 16 blocks of 32 bits. The SRT512 is accessed via the
13.56 MHz carrier. Incoming data are demodulated and decoded from the received
amplitude shift keying (ASK) modulation signal and outgoing data are generated by load
variation using bit phase shift keying (BPSK) coding of a 847 kHz subcarrier. The received
ASK wave is 10% modulated. The data transfer rate between the SRT512 and the reader is
106 Kbit/s in both reception and emission modes.
The SRT512 follows the ISO 14443-2 Type B recommendation for the radio-frequency
power and signal interface.
Figure 1.
Logic diagram
The SRT512 is specifically designed for short range applications that need re-usable
products. The SRT512 includes an anticollision mechanism that allows it to detect and
select tags present at the same time within range of the reader.
Table 1.
Signal names
Signal name
Description
AC1
Antenna coil
AC0
Antenna coil
AI13502
AC1
AC0
Power
Supply
Regulator
BPSK
Load
Modulator
ASK
Demodulator
512-bit
User
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com