Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRT512 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 4Page - STMicroelectronics SRT512 Datasheet HTML 5Page - STMicroelectronics SRT512 Datasheet HTML 6Page - STMicroelectronics SRT512 Datasheet HTML 7Page - STMicroelectronics SRT512 Datasheet HTML 8Page - STMicroelectronics SRT512 Datasheet HTML 9Page - STMicroelectronics SRT512 Datasheet HTML 10Page - STMicroelectronics SRT512 Datasheet HTML 11Page - STMicroelectronics SRT512 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Signal description
SRT512
8/46
Doc ID 13277 Rev 4
The SRT512 contactless EEPROM can be randomly read and written in block mode (each
block containing 32 bits). The instruction set includes the following nine commands:
●
Read_block
●
Write_block
●
Initiate
●
Pcall16
●
Slot_marker
●
Select
●
Completion
●
Reset_to_inventory
●
Get_UID
The SRT512 memory is organized in three areas, as described in Table 12. The first area is
an EEPROM area where all blocks behave as User blocks.
The second area provides two 32-bit binary counters that can only be decremented from
FFFF FFFFh to 0000 0000h, and gives a capacity of 4,294,967,296 units per counter.
The last area is the EEPROM memory. It is accessible by block of 32 bits and includes an
auto-erase cycle during each Write_block command.
Figure 2.
Die floor plan
2
Signal description
2.1
AC1, AC0
The pads for the antenna coil. AC1 and AC0 must be directly bonded to the antenna.
AI09055
AC1
AC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com