Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA2065
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA2065 Datasheet HTML 4Page - STMicroelectronics STA2065 Datasheet HTML 5Page - STMicroelectronics STA2065 Datasheet HTML 6Page - STMicroelectronics STA2065 Datasheet HTML 7Page - STMicroelectronics STA2065 Datasheet HTML 8Page - STMicroelectronics STA2065 Datasheet HTML 9Page - STMicroelectronics STA2065 Datasheet HTML 10Page - STMicroelectronics STA2065 Datasheet HTML 11Page - STMicroelectronics STA2065 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
System description
STA2065
8/20
Doc ID16050 Rev 1
2.5.2
Sample rate converter (SaRaC)
This block offers a fully digital stereo asynchronous sample rate conversion, using an
automatic Digital Ratio Locked Loop. Its main features are:
–
Up to 20-bit input and 22-bit output sample size
–
DMA optimized 16-bit stereo sample interface
–
Input sample rate from selectable MSP or SPDIF interface (32 kHz to 48 kHz)
–
Output sample rate from selectable MSP interface (44.1 kHz to 48 kHz)
–
Internally generated input sample rate (8 kHz to 48 kHz) for compressed audio
decoding
2.5.3
JPEG decoder
The JPEG decoder block performs Baseline DCT sequential decoding up to 16Mpix/sec.
JPEG compressed thumbnails are also supported.
2.5.4
Video input
STA2065 has a Video Input Port. The VIP allows to grab images from external devices,
supporting parallel CCIR-656 interface up to 80 MHz.
This block can be used in camera mode with an imaging co-processor or a CVBS video
decoder to store pixel information into system memory. It can be also used in raw mode to
directly store raw data from external sensor.
2.5.5
Smart graphics accelerator (SGA)
The smart graphics accelerator (SGA) provides an efficient 2D and 3D primitive drawing tool
that breaks down the MIPS and power consumption concerns of pixel processing.
2.5.6
Color LCD controller (CLCD)
This interface drives LCD panels. It supports single or dual-panel color and monochrome
STN displays and color TFT or HR-TFT displays. The resolution can be 1, 2 or 4 bits-
perpixel (bpp) palletized for mono STN, 1, 2, 4 or 8 bpp palletized for color STN and TFT,
16-bpp true-color non palletized for Color STN and TFT, 24-bpp packed or not packed
truecolor non pallettized for color TFT. It also offers Frame Modulation to deliver enhanced
colors on 12, 16 or 18 bits (HR-) TFT panels from up to 24-bpp format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com