Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA2065
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA2065 Datasheet HTML 7Page - STMicroelectronics STA2065 Datasheet HTML 8Page - STMicroelectronics STA2065 Datasheet HTML 9Page - STMicroelectronics STA2065 Datasheet HTML 10Page - STMicroelectronics STA2065 Datasheet HTML 11Page - STMicroelectronics STA2065 Datasheet HTML 12Page - STMicroelectronics STA2065 Datasheet HTML 13Page - STMicroelectronics STA2065 Datasheet HTML 14Page - STMicroelectronics STA2065 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
STA2065
System description
Doc ID16050 Rev 1
11/20
MHz. The same divisor will be from 2 to 16 when the PLL2 is running at 432 MHz, giving an
operating frequency in the range from 216 to 27 MHz.
The GPS baseband clock will be derived from the MCLK clock with a divider, internal to the
subsytem, by 1, 2,3 or 4, under ARM11 control. RFCLK is the clock received from the RF
front-end chip.
2.7.2
Touchscreen controller/ADC
STA2065 embeds a 4-wire Touch Screen Controller. The Touch Screen Controller main
characteristics are:
●
Active Window Clip
●
Movements Tracking
●
12-bit SAR ADC resolution when used for Touch screen (with averaging)
●
Measurement oversampling from 2 to 8
●
Up to 128 coordinates FIFO, with programmable FIFO threshold
●
ADC minimum conversion time of 1
μs
●
Capability to support 4 additional analog inputs for auxiliary functions like battery
voltage monitoring and accessory control.
The ADC of the Touch Screen Controller can be also used for the conversion of external
analog signals. In this case the ADC has a 10-bit resolution (its native resolution).
2.7.3
Multisupply IO ring
STA2065 has multivoltage IOs capable of supporting 1.8V, 2.5V or 3.3V interfaces. The
rings are defined as follows:
●
A: All peripherals with exception of what belongs to other rings
●
B: LCD
●
C: DRAM
●
D: FSMC
●
E: MMC1 (GPIO40-47, GPIO76-82), CAN0
The default voltage applied to each ring will be at reset time will be:
●
A: 1.8V
●
B: 1.8V
●
C: 1.8V
●
D: 1.8V
●
E: 3.3V
The “Always ON” ring remains separated as in the current STA2065 and supplied by VIOON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com