Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2064A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA2064A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2064A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA2064A Datasheet HTML 2Page - STMicroelectronics STA2064A Datasheet HTML 3Page - STMicroelectronics STA2064A Datasheet HTML 4Page - STMicroelectronics STA2064A Datasheet HTML 5Page - STMicroelectronics STA2064A Datasheet HTML 6Page - STMicroelectronics STA2064A Datasheet HTML 7Page - STMicroelectronics STA2064A Datasheet HTML 8Page - STMicroelectronics STA2064A Datasheet HTML 9Page - STMicroelectronics STA2064A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
System description
STA2064
6/19
Doc ID 16057 Rev 1
2.3.6
Real-time clock (RTC)
The RTC provides a one second resolution clock. This keeps time when the system is
inactive and can be used to wake the system up when a programmed ‘alarm’ time is
reached. It has a clock trimming feature to compensate the drift of the 32.768 kHz crystal.
2.3.7
Real-time timer (RTT)
The RTT has the possibility of being clocked off. This reduces the always_on domain
consumption during Deep Sleep. By default the RTT has its clock enabled.
2.3.8
Always_ON supply
The “Always_ON” domain retains its two separate supplies, one for the core logic (VDDON)
and one for the IOs (VIOON).
The VDDON supply is equal to VDD during normal operation but, with the goal of reaching the
lowest consumption possible, can also be configured as low as 1.0 ±10%V when the device
is in deep-sleep.
2.3.9
Enhanced function timer (EFT)
STA2064 features 4 16-bit EFTs. Each of the four EFT timers has a 16-bit free-running
counter with 7-bit prescaler, up to two input capture/output compare functions, a pulse
counter function, and a PWM channel with selectable frequency.
2.3.10
Watchdog timer (WDT)
This OS resource is used to trigger a system reset in the event of software failure.
2.4
Memory interfaces
2.4.1
SD/MMC
STA2064 features two SD/SDIO/MMC interfaces up to 52 MHz / one up to 8-bit data, the
other up to 4-bit data. The main clock available to the peripherals is:
●
PLL2CLK/13 (when PLL2CLK is 624 MHz and SRC_MMC52 = 0, 48 MHz will be
generated)
●
PLL2CLK/12 (when PLL2CLK is 624 MHz and SRC_MMC = 1, 52 MHz will be
generated)
●
PLL2CLK/9 (when PLL2CLK is 432 MHz, 48 MHz will be generated)
The peripheral is compliant to the following standards:
●
MMC 4.4
●
SD 2.0/Part 1 - Physical Layer
●
SD 2.0/Part E1 - SDIO Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com