Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2064A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA2064A
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2064A Datasheet(HTML) 5 Page - STMicroelectronics

  STA2064A Datasheet HTML 1Page - STMicroelectronics STA2064A Datasheet HTML 2Page - STMicroelectronics STA2064A Datasheet HTML 3Page - STMicroelectronics STA2064A Datasheet HTML 4Page - STMicroelectronics STA2064A Datasheet HTML 5Page - STMicroelectronics STA2064A Datasheet HTML 6Page - STMicroelectronics STA2064A Datasheet HTML 7Page - STMicroelectronics STA2064A Datasheet HTML 8Page - STMicroelectronics STA2064A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STA2064
System description
Doc ID 16057 Rev 1
5/19
2
System description
2.1
MCU
ARM1176-JZF advanced risc machine CPU up to 533 MHz (with Vdd greater or equal to
1.20 V and under process and temperature worst case conditions).
2.2
Embedded memories
2.2.1
Embedded SRAM (eSRAM)
The embedded SRAM is 8K x 32 (32 KB).
2.3
System functions
2.3.1
System and reset controller (SRC)
This provides a control interface for clock generation components external to the subsystem.
It also controls system-wide and peripherals-specific energy management features.
2.3.2
PMU
The power manager module controls the SLEEP to DEEP-SLEEP modes transition,
controls the external voltage switches on the Vdd and Vddio, monitors the external power
supply (via two signals, Vddok and BATOK), can force the emergency entry of the SDRAM
in self-refresh, and controls the wake-up from DEEP-SLEEP mode.
2.3.3
DMA
Direct memory access can be used with DMA peripherals. FIFO fill/empty requests from
these peripherals can be serviced immediately by the DMA Controller without CPU
interaction. Peripheral-to-peripheral and memory-to-memory DMA are also supported.
STA2064 features two DMA engines. Each DMA supports up to 8-channels and up to 32
requests.
2.3.4
Vectored interrupt controller (VIC)
The VIC allows the OS interrupt handler to quickly dispatch interrupt service routines in
response to peripheral interrupts.
2.3.5
GPIOs
Four GPIO ports provide 65 programmable inputs or outputs that can be controlled in two
modes:
●
software mode through an APB bus interface
●
hardware mode through a hardware control interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com