Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065N Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA2065N
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA2065N Datasheet HTML 8Page - STMicroelectronics STA2065N Datasheet HTML 9Page - STMicroelectronics STA2065N Datasheet HTML 10Page - STMicroelectronics STA2065N Datasheet HTML 11Page - STMicroelectronics STA2065N Datasheet HTML 12Page - STMicroelectronics STA2065N Datasheet HTML 13Page - STMicroelectronics STA2065N Datasheet HTML 14Page - STMicroelectronics STA2065N Datasheet HTML 15Page - STMicroelectronics STA2065N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
System description
STA2065
12/20
Doc ID16050 Rev 1
2.7.4
Driving strength and slew rate programmability
The IO Driving Strength is programmable for the following interfaces as follows:
●
SD/MMC0
(4, 6, 8 mA)
(default 8mA)
●
SD/MMC1
(4, 6, 8 mA)
(default 8mA)
●
SD/MMC2
(4, 6, 8 mA)
(default 8mA)
●
LCD
(4, 8 mA)
(default 8mA)
●
DRAM
(weak 70
Ω, strong 50Ω)
(default strong, 50
Ω)
●
FSMC
(4, 8 mA)
(default 8mA)
The Slew Rate is also controllable for the following interface as follows:
●
SD/MMC0
(Nominal, Fast)
(default Nominal slew rate)
●
SD/MMC1
(Nominal, Fast)
(default Nominal slew rate)
●
SD/MMC2
(Nominal, Fast)
(default Nominal slew rate)
●
LCD
(Nominal, Fast)
(default Fast slew rate)
●
FSMC
(Nominal, Fast)
(default Fast slew rate)
●
DRAM
(200, 266, 333 MHz)
(default 200 MHz)
●
ULPI
(Nominal, Fast)
(default Fast slew rate)
●
MSP0
(Nominal, Fast)
(default Nominal slew rate)
●
MSP1
(Nominal, Fast)
(default Nominal slew rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com