Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2065N Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA2065N
Description  Cartesio??family infotainment application processor with embedded GPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2065N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA2065N Datasheet HTML 11Page - STMicroelectronics STA2065N Datasheet HTML 12Page - STMicroelectronics STA2065N Datasheet HTML 13Page - STMicroelectronics STA2065N Datasheet HTML 14Page - STMicroelectronics STA2065N Datasheet HTML 15Page - STMicroelectronics STA2065N Datasheet HTML 16Page - STMicroelectronics STA2065N Datasheet HTML 17Page - STMicroelectronics STA2065N Datasheet HTML 18Page - STMicroelectronics STA2065N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STA2065
System features introduction
Doc ID16050 Rev 1
15/20
3.4
Power states
The following power states are defined:
●
OFF: Vdd_on and Vdd are not applied (all data in the backup RAM is lost): no data
retention is kept in the SDRAM
●
NORMAL: Each peripheral runs at its nominal speed with the possibility of turning off
all the unused peripherals (peripheral kernel clock gated)
●
SLOW: PLL1 bypassed. ARM and bus runs at crystal clock. PLL2 runs at its nominal
speed. PLL1 can be optionally put in power down
●
DOZE: It is like SLOW mode with the ARM running either at 19 MHz or 32 kHz
●
STANDBY: PLLs run at their nominal speed. Clocks are gated, ARM in WFI (Wait For
Interrupt) state
●
DEEP-SLEEP: Vdd powered off. Vdd_on powered (RTC, few GPIOs, backup RAM) and
clocked at 32 kHz making the wakeup possible. The context is put in the external
SDRAM while in self refresh mode. Only the Vddio_on region must be powered
●
SLEEP: It is like the DEEP-SLEEP mode, with the difference that Vdd and Vddio are
also applied and all the PLLs are off (optional for PLL2)
●
BACKUP: It is like DEEP-SLEEP, with the difference that the context is not saved in the
external SDRAM. When coming out from Backup to any power state, the ARM core will
execute the first code instruction after 2ms from power on reset release.
While in NORMAL, SLOW AND STANDBY, Vdd_on and Vdd are the same (10% tolerance
between them) and cannot be changed. Also the power to the several IO groups is kept
unchanged.
In order to change the Vdd_on and Vdd values, the system has to transit to either OFF,
SLEEP, DEEP-SLEEP or BACKUP and then back to the selected state.
In order to keep the power consumption as low as possible, the target voltage mentioned in
DEEP-SLEEP is considered at 1.0V.
A dedicated FSM manages the power state transitions among NORMAL, SLOW, DOZE
AND SLEEP. All other states mentioned above are SW variants of the ones managed by the
FSM.
Table 3 shows the summary of the power states supported by STA2065.
Table 3.
Power mode states
Power State
32 kHz
PLL1
PLL2
Vdd_on
Vdd
IOs
OFF
off
off
off
off
off
off
NORMAL
on
on
on
1.2V to 1.3V
=Vdd_on
1.7 to 3.6V
SLOW
on
Off. Bypassed by
main oscillator
off (SW can
take it on)
1.2V to 1.3V
=Vdd_on
1.7 to 3.6V
DOZE
on
Off. Bypassed by
32 kHz
off (SW can
take it on)
1.2V to 1.3V
=Vdd_on
1.7 to 3.6V
STANDBY
on
on (clk gated)
ARM in WFI
on (clk gated)
1.2V to 1.3V
=Vdd_on
1.7 to 3.6V
SLEEP
on
off
off (SW can
take it on)
1.2V to 1.3V
(typically 1.25V)
=Vdd_on
1.7 to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com