Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPB-06F1AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRPB-06F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-06F1AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRPB-06F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 8Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/6 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Current (no load)
Vo=3.3 V
Vo=0.75 V
-
-
100 mA
50 mA
-
-
Remote Off Input Current
-
10 mA
-
Input Reflected Ripple Current (pk-pk)
-
120 mA
-
Input Reflected Ripple Current (rms)
-
35 mA
-
Tested with simulated source
impedance of 1uH, 5 Hz to 20 MHz.
I
2t Inrush Current Transient
-
-
0.04 A
2s
Turn-on Voltage Threshold
-
2.7 V
3.0 V
Turn-off Voltage Threshold
1.8 V
2.6 V
-
Note
: All specifications are typical at 25
°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=5 V, 50% full load
Output Voltage Set Point
-3%Vo,set
-
3%Vo,set
Over all operating input voltages,
resistive loads and temperature
conditions
Adjustment Range
0.7525 V
-
3.63 V
Selected by external resistor or
voltage
Load Regulation
-
0.4%Vo,set
-
Io=Iomin to 50% Iomax
Line Regulation
-
0.3%Vo,set
-
Vin=Vinmin to Vinmax
Temperature Regulation
-
0.4%Vo, set
-
Tref=Tamin to Tamax
Output Current
0 A
-
6 A
Current Limit Threshold
9 A
-
18 A
Short Circuit Surge Transient
-
0.32 A
2s
-
Ripple and Noise (pk-pk)
-
40 mV
70 mV
Ripple and Noise (rms)
-
10 mV
30 mV
Tested with 0-20 MHz, with
external 10 uF Tantalum
capacitor and 1 uF/10 V TDK
ceramic capacitor at the output.
Turn on Time
-
6 mS
10 mS
Overshoot at Turn on
-
-
3%Vo
External Load Capacitance
Min ESR
≥ 1mhom
Max ESR
≥ 10mhom
0 uF
0 uF
1000 uF
3000 uF
Transient Response
50% ~ 100% Max Load
-
150 mV
-
Settling Time
-
25 uS
-
100% ~ 50% Max Load
-
150 mV
-
Settling Time
VO =0.75 V -
3.63 V
-
25 uS
-
Test conditions:
di/dt=2.5 A/ uS; Vin=5 V; with
external 10 uF Tantalum
capacitor and 1 uF/10 V TDK
ceramic capacitor at the output.
Note
: All specifications are typical at nominal input (Vin=5 V), full load at 25 °C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com