Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPB-06F1AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRPB-06F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-06F1AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRPB-06F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 8Page - Bel Fuse Inc. VRPB-06F1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/6 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency (Current Source)
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
94%
92%
89%
87%
85%
79%
-
-
-
-
-
-
Measured at Vin=5 V, full load
Switching Frequency
250 kHz
300 kHz
350 kHz
Output Voltage Trim Range
0.7525 V
-
3.63 V
Remote Sense Compensation
-
-
10%Vo
Over Temperature Shutdown
-
125
°C
-
MTBF
6,929,838 hours
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.0 x 0.55 x 0.36
50.80 x 13.97 x 9.14
Weight
-
7.5 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.2 V
-
0.3 V
Signal High (Unit On)
-
-
Vin, max
xRPB-06F1A0; Active High; Remote On/Off
pin open, Unit on.
Signal Low (Unit On)
-0.2 V
-
0.3 V
Signal High (Unit Off)
1.5 V
-
Vin, max
xRPB-06F1AL & xRPB-06F1AW; Active Low;
Remote On/Off pin open, Unit on.
Power Good Levels
High Level
2.1 V
-
-
Low Level
-
-
1.05 V
Output Trim Equations
Equation for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) is shown below. The
Trim resistor should be connected between the Trim pin and Ground.
11
.
5
7525
.
0
07
.
21
−
−
=
adj
Trim
V
R
Equation for calculating the trim voltage Vtrim (in V) given the desired adjusted voltage (Vadj) is shown below.
)
7525
.
0
(
1698
.
0
7
.
0
−
×
−
=
adj
V
Vtrim
Vtrim
Module
Vout
GND
Trim
Rtrim
Module
Vout
GND
Trim



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com