Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29021 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL29021
Description  Digital Proximity Sensor with Interrupt Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29021 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL29021 Datasheet HTML 4Page - Intersil Corporation ISL29021 Datasheet HTML 5Page - Intersil Corporation ISL29021 Datasheet HTML 6Page - Intersil Corporation ISL29021 Datasheet HTML 7Page - Intersil Corporation ISL29021 Datasheet HTML 8Page - Intersil Corporation ISL29021 Datasheet HTML 9Page - Intersil Corporation ISL29021 Datasheet HTML 10Page - Intersil Corporation ISL29021 Datasheet HTML 11Page - Intersil Corporation ISL29021 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6732.0
March 3, 2009
Typical Circuit
A typical application for the ISL29021 is shown in Figure 4.
The ISL29021’s I2C address is internally hardwired as
1000100. The device can be tied onto a system’s I2C bus
together with other I2C compliant devices.
Soldering Considerations
Convection heating is recommended for reflow soldering;
direct-infrared heating is not recommended. The plastic
ODFN package does not require a custom reflow soldering
profile, and is qualified to +260°C. A standard reflow
soldering profile with a +260°C maximum is recommended.
FIGURE 3. CURRENT CONSUMPTION FOR EACH INTEGRATION PHASE AND DETECTION CYCLE
IR
PROXIMITY
IR LED
0.4ms
0.4ms
50µ
50mA
1mA
360 kHz
1µ
30ms
VDDD
1
GND
3
REXT
4
SDA
INT
7
IRDR
8
ISL29021
R1
10k
Ω
R2
10k
Ω
REXT
499k
2.25V TO 3.63V
MICROCONTROLLER
INT
SDA
SLAVE_0
SLAVE_1
I2C SLAVE_n
I2C MASTER
SCL
SDA
SCL
SDA
1.7V TO 3.63V
6
R3
10k
Ω
SCL
2
VDDA
5
C2
0.1µ
FIGURE 4. ISL29021 TYPICAL CIRCUIT
SCL
C1
1µ
ISL29021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com