Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29021 Datasheet (PDF) - Intersil Corporation

ISL29021 Datasheet PDF - Intersil Corporation
Part # ISL29021
Download  ISL29021 Download
File Size   583.07 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Proximity Sensor with Interrupt Function

ISL29021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29021 Datasheet PDF - Intersil Corporation

Part # ISL29021
Download  ISL29021 Click to download

File Size   583.07 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Proximity Sensor with Interrupt Function

ISL29021 Datasheet (HTML) - Intersil Corporation


ISL29021 Product details

Digital Proximity Sensor with Interrupt Function

The ISL29021 is an integrated proximity and infrared sensor with a built-in IR LED driver and I2C Interface (SMBus Compatible). This device provides infrared sensing to allow proximity estimation featured with interrupt function.
For infrared and proximity sensing, an internal ADC has been designed based on the charge-balancing A/D conversion technique.

Features
Proximity Sensing
• Ambient IR Cancellation During Proximity Sensing
    - Works Under Direct Sunlight
• IR LED Driver with Programmable Source Current
    - Adjustable Current Drive from 100mA to 12.5mA
• Programmable LED current Modulation Frequency
• Variable Conversion Resolution up to 16-bits
• Selectable Range (via I2C)
• Works Under Various Light Sources, Including Sunlight

Ideal Spectral Response for Proximity Sensor
• Proximity sensor range from 850nm to 950nm
    - Can use either 850nm or 950nm LED solution

Ultra Low Power
• 90μA Max Operating Current
• Software Shutdown and Automatic Shutdown
    - 0.5μA Max Shutdown Current

Easy to Use
• I2C (SMBus Compatible) Output
• No Complex Algorithms Needed
• Temperature Compensated
• Small Form Factor
    - 8 Ld 2.0mmx2.1mmx0.7mm ODFN Package

Additional Features
• I2C and SMBus Compatible
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)

Applications
• Display and Keypad Proximity Sensing for:
    - Mobile Devices: Smart Phone, PDA, GPS
    - Computing Devices: Notebook PC, Webpad
    - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera
• Industrial and Medical Proximity Sensing




Similar Part No. - ISL29021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
ISL29021IROZ-EVALZ INTERSIL-ISL29021IROZ-EVALZ Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
logo
Renesas Technology Corp
ISL29021IROZ-EVALZ RENESAS-ISL29021IROZ-EVALZ Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29021IROZ-T7 INTERSIL-ISL29021IROZ-T7 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
More results


Similar Description - ISL29021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 14, 2009
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 5, 2011
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
ISL29021IROZ-T7 INTERSIL-ISL29021IROZ-T7 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com