Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD433S4 Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD433S4
Description  60W Array Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD433S4 Datasheet(HTML) 2 Page - Sony Corporation

  SLD433S4 Datasheet HTML 1Page - Sony Corporation SLD433S4 Datasheet HTML 2Page - Sony Corporation SLD433S4 Datasheet HTML 3Page - Sony Corporation SLD433S4 Datasheet HTML 4Page - Sony Corporation SLD433S4 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SLD433S4
- 2 -
Absolute Maximum Ratings
(Tw = 25°C, Tw: cooling water tempareture)
Operating Lifetime
MTTF 10,000H (effective value) at Po = 60W, Tw = 25°C
Optical power output
Pomax
66
W
Reverse voltage
VR LD
2
V
Operating temperature (Tw)
Topr
+10 to +30
°C
Storage temperature
Tstg
–10 to +60
°C
Storage humidity
No dew condensation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com