Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD433S4 Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD433S4
Description  60W Array Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD433S4 Datasheet(HTML) 1 Page - Sony Corporation

  SLD433S4 Datasheet HTML 1Page - Sony Corporation SLD433S4 Datasheet HTML 2Page - Sony Corporation SLD433S4 Datasheet HTML 3Page - Sony Corporation SLD433S4 Datasheet HTML 4Page - Sony Corporation SLD433S4 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- 1 -
E05125B86-CR
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating
the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD433S4
60W Array Laser Diode
Description
The SLD433S4 is a high power laser diode with an array structure, which achieves 60W high power.
The package is high efficiency water cooling package.
Module customizing is available.
(Applications: Solid state laser excitation)
Features
High power
Recommended optical power output: Po = 60W
Array structure
Open package
High efficiency water cooling package
Package
Structure
AlGaAs quantum well structure laser diode


Similar Part No. - SLD433S4

ManufacturerPart #DatasheetDescription
logo
Rohm
SLD430BD2W ROHM-SLD430BD2W Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
SLD430WBD2PT ROHM-SLD430WBD2PT Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
SLD430WBD2PT3 ROHM-SLD430WBD2PT3 Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
SLD430X ROHM-SLD430X Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
logo
Sony Corporation
SLD431S SONY-SLD431S Datasheet
47Kb / 4P
20W Array Laser Diode
More results

Similar Description - SLD433S4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD402S SONY-SLD402S Datasheet
74Kb / 3P
20W Array Laser Diode
SLD432S SONY-SLD432S Datasheet
383Kb / 4P
40W Array Laser Diode
logo
Bookham, Inc.
B60C-1060-01 BOOKHAM-B60C-1060-01 Datasheet
761Kb / 4P
60W 10xxnm High Power Bare Laser Diode Bar
logo
Sony Corporation
SLD431S SONY-SLD431S Datasheet
47Kb / 4P
20W Array Laser Diode
logo
Roithner LaserTechnik G...
AS098Q1200W ROITHNER-AS098Q1200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098Q600W ROITHNER-AS098Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q5000W ROITHNER-AS081Q5000W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q600W ROITHNER-AS081Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q300W ROITHNER-AS081Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C40W ROITHNER-AS081C40W Datasheet
173Kb / 3P
High Power Stacked Infrared Laser Diode Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com