Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C024-35AI Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY7C024-35AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-35AI Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY7C024-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C024-35AI Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 12 of 21
Notes
28. R/W must be HIGH during all address transitions.
29. A write occurs during the overlap (tSCE or tPWE) of a LOW CE or SEM and a LOW UB or LB.
30. tHA is measured from the earlier of CE or R/W or (SEM or R/W) going HIGH at the end of write cycle.
31. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tPWE or (tHZWE + tSD) to allow the I/O drivers to turn off and data to be
placed on the bus for the required tSD. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as
the specified tPWE.
32. To access RAM, CE = VIL, SEM = VIH.
33. To access upper byte, CE = VIL, UB = VIL, SEM = VIH.
To access lower byte, CE = VIL, LB = VIL, SEM = VIH.
34. Transition is measured ±500 mV from steady state with a 5 pF load (including scope and jig). This parameter is sampled and not 100% tested.
35. During this period, the I/O pins are in the output state, and input signals must not be applied.
36. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the high impedance state.
Switching Waveforms (continued)
tAW
tWC
tPWE
tHD
tSD
tHA
CE
R/W
OE
DATA OUT
DATA IN
ADDRESS
tHZOE
tSA
tHZWE
tLZWE
Figure 7. Write Cycle No. 1: R/W Controlled Timing[28, 29, 30, 31]
[34]
[34]
[31]
[32,33]
NOTE 35
NOTE 35
tAW
tWC
tSCE
tHD
tSD
tHA
CE
R/W
DATA IN
ADDRESS
tSA
Figure 8. Write Cycle No. 2: CE Controlled Timing[28, 29, 30, 36]
[32,33]
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com